Electronic Components Datasheet Search |
|
MCR03 Datasheet(PDF) 1 Page - Rohm |
|
MCR03 Datasheet(HTML) 1 Page - Rohm |
1 / 12 page 1/11 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.03 - Rev.A Thick Film Chip Resistors MCR Series Features 1) Full line up from ultra small size (01005) to 2512 with jumper type. 2) High reliability metal glazed thick film. 3) ROHM resistors have obtained ISO9001/ISO/TS16949 certification. 4) "Automotive" product is AEC-Q200 compliant. Part No. Resistance Range Packing Specification Quantity / Reel (mm) Type Code Size GENERAL PURPOSE Paper tape (2mm pitch) Paper tape (2mm pitch) Paper tape (4mm pitch) Embossed tape (1mm pitch) Embossed tape (4mm pitch) 0402 0603 1005 1608 2012 3216 3225 5025 6432 ∗Please contact us for status of AEC-Q200 on "General purpose" products. 01005 10 Ω to 3MΩ 1 Ω to 10MΩ 1 Ω to 10MΩ 1 Ω to 10MΩ 1 Ω to 10MΩ 1 Ω to 10MΩ 1 Ω to 3.3MΩ 1 Ω to 560kΩ 1 Ω to 100kΩ 0201 0402 0603 0805 1206 YRT RZP YZP 15,000 40,000 15,000 10,000 5,000 4,000 MRT ERT ERT ERT YZP − − MZP EZP EZP EZP 1210 JZH JZH JZH 2010 2512 MCR004 MCR006 MCR01 MCR03 MCR10 MCR18 MCR25 MCR50 MCR100 (inch) AUTOMOTIVE ∗Corresponds to AEC −Q200 Part Number Description 06 MCR (Micro chip resistors) 0 YT R C MR Part No. Resistance code, 3 or 4 digits. 000 denotes jumper type. Ex.) 1 Ω = 1R0 ( ±5% ) 9.1 Ω = 9R1 ( ±5% ) 10 Ω = 10R0 ( ±0.5%,±1% ) 100 ( ±5% ) 2.2M Ω = 2204 ( ±1% ) 225 ( ±5% ) D,F J : : 4 digits 3 digits Resistance tolerance Resistance code 004 (0402 [01005]) 006 (0603 [0201]) 01 (1005 [0402]) 03 (1608 [0603]) 10 (2012 [0805]) 18 (3216 [1206]) 25 (3225 [1210]) 50 (5025 [2010]) 100 (6432 [2512]) D ( ±0.5% ) F ( ±1% ) FX ( ±1% ) ∗Only MCR03EZP J ( ±5% ) (Including jumper type) Size (mm [inch]) Resistance Tolerance Nominal Resistance J0 1 0 Type Code |
Similar Part No. - MCR03 |
|
Similar Description - MCR03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |