Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR25 Datasheet(PDF) 3 Page - Rohm

Part # MCR25
Description  Low Ohmic Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR25 Datasheet(HTML) 3 Page - Rohm

  MCR25_11 Datasheet HTML 1Page - Rohm MCR25_11 Datasheet HTML 2Page - Rohm MCR25_11 Datasheet HTML 3Page - Rohm MCR25_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.E
Data Sheet
MCR25 (3225 size (1210 size) : 1 / 2W)
Packaging
C
AB
D
AB
C
D
A0
P1
P0
P2
K
φD
φ180
0
−1.5
φ60
+1
0
9 +1.0
0
φ13±0.2
φ1.5 +0.1
0
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K
8.0
±0.3
3.5
±0.05
1.75
±0.1
3.0
±0.1
3.5
±0.1
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
Label
EIAJ ET-7200B compliant
Reel
Taping
Part No. Explanation
Special part number
Part No.
MC
2
R
Nominal resistance
5
J Z H
J L
Resistance tolerance
±1%
±5%
F
J
0.1 to 9.1
Ω (class F)
0.1 to 0.91
Ω (class J)
0.047 to 0.091
Ω
L
S
JZH
Embossed tape (4mm Pitch)
φ180mm (7inch)
4,000
MCR25
Packaging Specifications Code
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
J(
±5%)
F(
±1%)
FL,FS,JS
JL
:
:
4 digits
3 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
+Special P/N
Resistance
code


Similar Part No. - MCR25_11

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR25D100 ROHM-MCR25D100 Datasheet
1Mb / 10P
   Thick film chip resistors
MCR25F100 ROHM-MCR25F100 Datasheet
1Mb / 10P
   Thick film chip resistors
MCR25J100 ROHM-MCR25J100 Datasheet
1Mb / 10P
   Thick film chip resistors
MCR25 ROHM-MCR25_1 Datasheet
65Kb / 5P
   Thick film rectangular Low Resistance Series
More results

Similar Description - MCR25_11

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_11 Datasheet
175Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com