Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EH4295 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # EH4295
Description  MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

EH4295 Datasheet(HTML) 1 Page - Advanced Linear Devices

  EH4295 Datasheet HTML 1Page - Advanced Linear Devices EH4295 Datasheet HTML 2Page - Advanced Linear Devices EH4295 Datasheet HTML 3Page - Advanced Linear Devices EH4295 Datasheet HTML 4Page - Advanced Linear Devices EH4295 Datasheet HTML 5Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 2.1 ©2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The EH4295 Micropower Step Up Low Voltage Booster Module,
part of the EH4200 Series of Micropower Step Up Low Voltage
Boosters, is a self-powered voltage-booster module that converts
a low DC voltage input to a higher AC or DC voltage output suitable
for many low-power energy harvesting applications using photo-
diodes, thermoelectric or electromagnetic generators as the input
source. The EH4295 does not need a separate power supply to
operate and it derives its power directly from the low input voltage
source. The EH4200 Series draws input power levels starting at as
low as 2
µW, which enables an on-board self-starting oscillator.
The EH4295 features nominal input impedance of 950
Ω, making
it suitable for many different energy generating sources. The
EH4200 Series is part of a growing family of Micro-power Low
Voltage Booster Modules, Energy Harvesting Modules and En-
ergy Harvesting Integrated Circuits.
The EH4295 is designed primarily for driving loads such as the
ALD EH300/EH301 Series Energy Harvesting Modules. The AC
outputs of the EH4295 are connected directly to the input terminals
of the EH300/EH301 Series Energy Harvesting Modules with a
two-wire cable. They can also be used for trickle-charge applica-
tions such as battery charger or super-cap charger, including
situations where the energy input is not well controlled or regu-
lated. For certain applications, the EH4295 can also be used
without the EH300/EH301 Series Energy Harvesting Modules.
The EH4295 self-starting oscillator oscillates at a natural fre-
quency of about 400Hz, which depends on the source impedance,
the source voltage, the loading at the output and the resonating
components on board the EH4295. The oscillator waveform is
coupled to a transformer inside the module that provides an AC
output signal that is limited in amplitude by the output loading. A
typical output loading is a full wave rectifier that can handle AC
inputs over 20V and input power as limited by the output of the
EH4295.
For many energy-harvesting applications, the EH4295, combined
with EH300 Series Energy Harvesting Modules, offers a simple
and efficient solution when used with a low-voltage low-energy
generating source that only delivers sporadic intermittent amounts
of input power. The combined EH4295 and EH300 Series Modules
can ramp from zero output power to useable levels for operating
FEATURES
• Nominal input impedance of 950
Ω@VIN=0.25V
• Small footprint and volume less than 1 cu. in.
• Simple and easy to use - just connect a 2-wire input source
and 2-wire output load
• Ready-to-Use out of the box, no circuit design required
• Direct interface to ALD's EH300/EH301 series of Energy
Harvesting Modules
• A range of models suitable for a variety of energy gener
ating sources
• Self-starting at both very low operating voltage and low
operating current levels
• Self-contained booster with all components on-board
• Built-in on-board miniature transformer for high-efficiency
energy conversion
• Unique custom on-board EPAD® MOSFET arrays
• Optional user-installed full wave rectifier on board to
produce DC voltages
• Compatible with a wide range of voltage sources and a
wide range of source impedances
• Adaptable for use with a broad range of applications
• No calibration or setup required
• Maintenance free operation
• Long operating life
• Virtually unlimited operating cycles
• Moisture and dust protection
• RoHS compliant
APPLICATIONS
• Charge EH300/EH301/EH300A/EH301A series
EH Modules from low voltage sources
• Energy Harvesting from low-voltage micro-power
energy-generating sources
• Direct or Indirect remote-node power supplies for
Wireless Sensor Networks
• Low duty-cycle metering, control and sensing networks
• Energy capture from Intermittent energy sources
• Trickle-charger for Standby backup power such as
battery-packs or super-capacitor networks
• Backup power for switching between different power
sources
• Industrial and Business systems with always-charged
temporary backup power supplies
• Micro-power Self-boosting oscillator
• Low DC Voltage Booster to supply operating voltage
for another Step-up DC-DC converter
• Extreme life-span power sources
• EH energy capture, storage, and power management
from mechanical, thermal, chemical, solar, biological,
and human body sources
• EH based battery substitution and/or remote battery
charging systems
• Hybrid or alternative power source conditioning
• Condition-based monitoring systems
• Self-powered remote control switching systems
• Hybrid power (dual power) systems with extended
operating lives
• System power reliability enhancement
• Intermittent duty cycle remote site applications
eEPAD
TM
®
N
A
B
L
E
D
E
MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
EH4295
ADVANCED
LINEAR
DEVICES, INC.
Part Number
Description
EH4295
Micropower Step Up Low Voltage Booster
Module, 950
Ω Input
EHJ3C
6 in. Input Cable for EH4200 Series Modules
EHJ4C
6 in. Output Cable for EH4200 Series Modules
with connector to the EH300/EH301
EHJ5C
6 in. Output Cable for EH4200 Series Modules
ORDERING INFORMATION


Similar Part No. - EH4295

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EH4295 ALD-EH4295 Datasheet
53Kb / 5P
   MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
2011
EH4295PRELIM ALD-EH4295PRELIM Datasheet
53Kb / 5P
   MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
2011
More results

Similar Description - EH4295

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EH4295PRELIM ALD-EH4295PRELIM Datasheet
53Kb / 5P
   MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
2011
EH4205 ALD-EH4205 Datasheet
52Kb / 5P
   MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
EH4205PRELIM ALD-EH4205PRELIM Datasheet
52Kb / 5P
   MICROPOWER STEP UP LOW VOLTAGE BOOSTER MODULE
2011
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Monolithic Power System...
EV3212DQ-00A MPS-EV3212DQ-00A Datasheet
166Kb / 4P
   1.3A, 1MHz Micropower Step-Up Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com