Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI52142-A01AGM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI52142-A01AGM
Description  PCI-EXPRESS GEN 1, GEN 2 & GEN 3 CLOCK TWO OUTPUT GENERATOR WITH 25 MHZ REFERENCE CLOCK
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52142-A01AGM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI52142-A01AGM Datasheet HTML 6Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 7Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 8Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 9Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 10Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 11Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 12Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 13Page - Silicon Laboratories SI52142-A01AGM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Si52142
10
Preliminary 0.1
Figure 5. Single-ended Measurement for Differential Output Signals
(for AC Parameters Measurement)
Figure 6. Single-ended Clocks with Single Load Configuration
Figure 7. Single-ended Output Signal (for AC Parameter Measurement)
VMIN = –0.30V
VMIN = –0.30V
Measurement
Point
4 pF
50
SE Clocks
L1
L2
L1 = 0.5", L2 = 5"
33


Similar Part No. - SI52142-A01AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si52142-A01AGM SILABS-Si52142-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52142-A01AGM SKYWORKS-SI52142-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
logo
Silicon Laboratories
Si52142-A01AGMR SILABS-Si52142-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52142-A01AGMR SKYWORKS-SI52142-A01AGMR Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
More results

Similar Description - SI52142-A01AGM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52142 SKYWORKS-SI52142 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
SI52143 SKYWORKS-SI52143 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
logo
Silicon Laboratories
SI52143 SILABS-SI52143 Datasheet
1Mb / 21P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com