Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI52146 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI52146
Description  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52146 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI52146 Datasheet HTML 3Page - Silicon Laboratories SI52146 Datasheet HTML 4Page - Silicon Laboratories SI52146 Datasheet HTML 5Page - Silicon Laboratories SI52146 Datasheet HTML 6Page - Silicon Laboratories SI52146 Datasheet HTML 7Page - Silicon Laboratories SI52146 Datasheet HTML 8Page - Silicon Laboratories SI52146 Datasheet HTML 9Page - Silicon Laboratories SI52146 Datasheet HTML 10Page - Silicon Laboratories SI52146 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si52146
Preliminary Rev. 0.1
7
2. Functional Description
2.1. Crystal Recommendations
The clock device requires a parallel resonance crystal. Substituting a series resonance crystal causes the clock
device to operate at the wrong frequency and violates the ppm specification. For most applications there is a
300 ppm frequency shift between series and parallel crystals due to incorrect loading.
2.1.1. Crystal Loading
Crystal loading plays a critical role in achieving low ppm performance. To realize low ppm performance, use the
total capacitance the crystal sees to calculate the appropriate capacitive loading (CL).
Figure 1 shows a typical crystal configuration using the two trim capacitors. It is important that the trim capacitors
are in series with the crystal. It is not true that load capacitors are in parallel with the crystal and are approximately
equal to the load capacitance of the crystal.
Figure 1. Crystal Capacitive Clarification
2.1.2. Calculating Load Capacitors
In addition to the standard external trim capacitors, consider the trace capacitance and pin capacitance to calculate
the crystal loading correctly. Again, the capacitance on each side is in series with the crystal. The total capacitance
on both side is twice the specified crystal load capacitance (CL). Trim capacitors are calculated to provide equal
capacitive loading on both sides.
Figure 2. Crystal Loading Example
Table 4. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Shunt
Cap (max)
Motional
(max)
Tolerance
(max)
Stability
(max)
Aging
(max)
25 MHz
AT
Parallel
12–15 pF
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Similar Part No. - SI52146

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
Si52146-A01AGM SILABS-Si52146-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52146-A01AGM SKYWORKS-SI52146-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
Si52146-A01AGMR SILABS-Si52146-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52146-A01AGMR SKYWORKS-SI52146-A01AGMR Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Similar Description - SI52146

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52142 SKYWORKS-SI52142 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 TWO-OUTPUT CLOCK GENERATOR WITH 25 MHZ REFERENCE CLOCK
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com