Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSL0102WBFA Datasheet(PDF) 1 Page - Rohm

Part # PSL0102WBFA
Description  High Power White LEDs SSML series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSL0102WBFA Datasheet(HTML) 1 Page - Rohm

  PSL0102WBFA Datasheet HTML 1Page - Rohm PSL0102WBFA Datasheet HTML 2Page - Rohm PSL0102WBFA Datasheet HTML 3Page - Rohm PSL0102WBFA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
PSL0102series
Specifications
Features
・HighPowerWhiteLEDs"SSMLseries"
・Achievesoperationtemperatureof130 C
・Highreliabilitypackageduetoanti-sulfurmeasures
Color
Type
WB
PartNo.
Chip
Structure
Emitting
Color
Color
Rending
Index
(Ra)
AbsoluteMaximumRatings(Ta=25℃)
ElectricalandOpticalCharacteristics(Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
PeakForward
Current
IFP(mA)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
ForwardVoltageVF
Chromaticity
(x,y)
LuminousIntensityIV
LuminousFluxΦV Luminous
Efficiency
(Im/W)
Typ.(V) IF(mA)
IF(mA) Min.
(cd)
Typ.
(cd) IF(mA)
Typ.
(Im) IF(mA)
PSL0102WBEA
InGaN
White
(5,000K)
65
0.78
200
※1
400
※2
-40to+130 -40to+130 3.3
120
(0.345,0.352)
120
8.2
12
120
44
120
100
PSL0102WBEB
80
5.4
10.8
38
95
PSL0102WBEC
90
8.2
30
75
PSL0102WBED
74
8.2
11.6
42
75
PSL0102WBFA
White
(3,000K)
65
(0.437,0.404)
8.2
10.6
37
93
PSL0102WBFB
80
5.4
8.5
31
78
PSL0102WBFC
90
7
25
63
PSL0102WBFD
75
8.2
10.6
37
93
※1:Mountingconditionmustbecarefullyconsidered ※2:Duty≦1/10,≦10msmax.
2.8
1.3
3.55
0.75
Tolerance:±0.2
(unit:mm)
(unit:mm)
5.0
3.05
1.0
1.0
4-R0.25
4.6
Cathode Index
Dimensions
Viewing Angle
Recommended Solder Pattern
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X’ - Y’
RELATIVEINTENSITY(%)
RELATIVEINTENSITY(%)
0.44
0.42
0.40
0.38
0.36
0.34
0.32
0.30
0.30 0.32 0.34 0.36 0.38 0.40 0.42 0.44 0.46 0.48 0.50
CIE x
5,000K(E)
3,000K(F)
White Chromaticity Diagram
Spectram Data
0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
Wavelength:nm
Ta=25℃, IF=90mA
(Color Rank:E=5,000K)
Ra=80(B)
Ra=90(A)
Ra=65(C)
0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
Wavelength:nm
Ta=25℃, IF=90mA
(Color Rank:F=3,000K)
Ra=80(B)
Ra=90(A)
Ra=65(C)
1/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.01 - Rev.A


Similar Part No. - PSL0102WBFA

ManufacturerPart #DatasheetDescription
logo
Rohm
PSL0101 ROHM-PSL0101 Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEA ROHM-PSL0101WBEA Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEB ROHM-PSL0101WBEB Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEC ROHM-PSL0101WBEC Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBED ROHM-PSL0101WBED Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
More results

Similar Description - PSL0102WBFA

ManufacturerPart #DatasheetDescription
logo
Rohm
PSL0101 ROHM-PSL0101 Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
SML-K19 ROHM-SML-K19 Datasheet
1Mb / 4P
   High luminousity white LEDs
logo
Luminus, Inc
CBT-140 LUMINUS-CBT-140 Datasheet
1Mb / 17P
   White LEDs
logo
Visual Communications C...
CMD333UWC VCC-CMD333UWC Datasheet
59Kb / 1P
   White LEDs
logo
Rohm
SMLW36 ROHM-SMLW36 Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
Marl International Limi...
209-501-21-38 MARL-209-501-21-38_15 Datasheet
271Kb / 5P
   Warm white LEDs
207-501-21-38 MARL-207-501-21-38_15 Datasheet
260Kb / 5P
   Warm white LEDs
210-501-21-38 MARL-210-501-21-38_15 Datasheet
290Kb / 5P
   Warm white LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
   White LEDs Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com