Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSL0102WBFB Datasheet(PDF) 3 Page - Rohm

Part # PSL0102WBFB
Description  High Power White LEDs SSML series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSL0102WBFB Datasheet(HTML) 3 Page - Rohm

  PSL0102WBFB Datasheet HTML 1Page - Rohm PSL0102WBFB Datasheet HTML 2Page - Rohm PSL0102WBFB Datasheet HTML 3Page - Rohm PSL0102WBFB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rank Reference of Brightness
PSL0102 series
White (WB)
Part No. Construction
1 Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Please refer to the Specification sheet for color classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
∗2 Please
refer to chromaticitydiagram.
∗Please
refer to the Specification sheet about Taping specification.
P S L 0 1 0 2 W
Series name
Package type
Emitting type
Emitting Color
Taping
specifications
WB
PSL High power LED series
White
B
Ra
A (Ra=65)
B
(Ra=80)
C (Ra=90)
D (Ra=74)
E
A1 2
A 1
Chromaticity sort ∗2
Rank sign
(Chromaticity Rank) ∗1
Rank sign (Brightness Rank) ∗1
Packing Specification
ROHMLEDproductsarebeingshippedwithdesiccant(silicagel)concludedinmoisture-proofbags.
Pastingthemoisturesensitivelabelontheoutersurfaceofthemoisture-proofbagsorenclosingthehumidityindicationcardinsidethebagisavailableuponrequest.
Pleasecontactthenearestsalesofficeordistributerifnecessary.
Package
structure
Package
size
Height
(mm)
Luminou
flux
(lm)
IF(mA)
91
92
A1
A2
B1
B2
C1
C2
D1
D2
E1
E2
0to10 10to20 20to30 30to40 40to50 50to60 60to70 70to80 80to90 90to100 100to110 110∼120
SSML
5050 1.0
120
PSL0102WBEA
PSL0102WBEB
PSL0102WBEC
PSL0102WBED
PSL0102WBFA
PSL0102WBFB
PSL0102WBFC
PSL0102WBFD
3/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.01 - Rev.A


Similar Part No. - PSL0102WBFB

ManufacturerPart #DatasheetDescription
logo
Rohm
PSL0101 ROHM-PSL0101 Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEA ROHM-PSL0101WBEA Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEB ROHM-PSL0101WBEB Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBEC ROHM-PSL0101WBEC Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
PSL0101WBED ROHM-PSL0101WBED Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
More results

Similar Description - PSL0102WBFB

ManufacturerPart #DatasheetDescription
logo
Rohm
PSL0101 ROHM-PSL0101 Datasheet
1Mb / 4P
   High Power White LEDs "SSML series"||" "448124
High Power White LEDs "SSML series"||" "448125
SML-K19 ROHM-SML-K19 Datasheet
1Mb / 4P
   High luminousity white LEDs
logo
Luminus, Inc
CBT-140 LUMINUS-CBT-140 Datasheet
1Mb / 17P
   White LEDs
logo
Visual Communications C...
CMD333UWC VCC-CMD333UWC Datasheet
59Kb / 1P
   White LEDs
logo
Rohm
SMLW36 ROHM-SMLW36 Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
Marl International Limi...
209-501-21-38 MARL-209-501-21-38_15 Datasheet
271Kb / 5P
   Warm white LEDs
207-501-21-38 MARL-207-501-21-38_15 Datasheet
260Kb / 5P
   Warm white LEDs
210-501-21-38 MARL-210-501-21-38_15 Datasheet
290Kb / 5P
   Warm white LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
   White LEDs Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com