Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715A01DRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A01DRBT
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS715A01DRBT Datasheet HTML 1Page - Texas Instruments TPS715A01DRBT Datasheet HTML 2Page - Texas Instruments TPS715A01DRBT Datasheet HTML 3Page - Texas Instruments TPS715A01DRBT Datasheet HTML 4Page - Texas Instruments TPS715A01DRBT Datasheet HTML 5Page - Texas Instruments TPS715A01DRBT Datasheet HTML 6Page - Texas Instruments TPS715A01DRBT Datasheet HTML 7Page - Texas Instruments TPS715A01DRBT Datasheet HTML 8Page - Texas Instruments TPS715A01DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OUT
NC
NC
FB/NC
IN
NC
NC
GND
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
TPS715A33
OUT
IN
GND
MSP430
Li+
OUT
NC
FB/NC
IN
NC
GND
DRVPACKAGE
2mmx2mmSON
(TOPVIEW)
TPS715Axx
www.ti.com
SBVS047E
– MAY 2004 – REVISED JUNE 2011
HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
LDO LINEAR REGULATORS
Check for Samples: TPS715Axx
1
FEATURES
DESCRIPTION
The
TPS715Axx
low-dropout
(LDO)
voltage
2
24V Maximum Input Voltage
regulators offer the benefits of high input voltage,
Low 3.2
μA Quiescent Current at 80mA
low-dropout
voltage,
low-power
operation,
and
Stable With Any Capacitor (
> 0.47μF)
miniaturized packaging. The devices, which operate
80mA Specified Current
over an input range of 2.5V to 24V, are stable with
any capacitor (
≥ 0.47μF). The high maximum input
Available in Fixed and Adjustable (1.2V to 15V)
voltage combined with excellent power dissipation
Versions
capability makes this part particularly well-suited to
Specified Current Limit
industrial and automotive applications.
3mm
× 3mm and 2mm x 2mm SON Packages
A PMOS pass element behaves as a low-value
–40°C to +125°C Specified Junction
resistor. The low dropout voltage, typically 670mV at
Temperature Range
80mA of load current, is directly proportional to the
For MSP430-Specific Output Voltages See the
load current. The low quiescent current (3.2
μA
TPS715xx
typically) is nearly constant over the entire range of
output load current (0mA to 80mA).
APPLICATIONS
The TPS715Axx is available in 3mm x 3mm package
Ultralow Power Microcontrollers
ideal for high power dissipation and small 2mm x
Industrial/Automotive Applications
2mm package ideal for handheld and ultra-portable
PDAs
applications. The 3mm
× 3mm package is also
available as a non-magnetic package for medical
Portable, Battery-Powered Equipment
imaging applications.
Medical Imaging
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2004–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS715A01DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01DRBT TI-TPS715A01DRBT Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRBT TI1-TPS715A01DRBT Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01DRBT TI1-TPS715A01DRBT Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A01DRBT-NM TI1-TPS715A01DRBT-NM Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01DRBT-NM TI1-TPS715A01DRBT-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
More results

Similar Description - TPS715A01DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A33DRVR TI-TPS715A33DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com