Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715A30DRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A30DRVR
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A30DRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS715A30DRVR Datasheet HTML 4Page - Texas Instruments TPS715A30DRVR Datasheet HTML 5Page - Texas Instruments TPS715A30DRVR Datasheet HTML 6Page - Texas Instruments TPS715A30DRVR Datasheet HTML 7Page - Texas Instruments TPS715A30DRVR Datasheet HTML 8Page - Texas Instruments TPS715A30DRVR Datasheet HTML 9Page - Texas Instruments TPS715A30DRVR Datasheet HTML 10Page - Texas Instruments TPS715A30DRVR Datasheet HTML 11Page - Texas Instruments TPS715A30DRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
V
OUT + VREF
1 )
R1
R2
R1 +
V
OUT
V
REF
* 1
R2
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
1.8 V
2.8 V
5.0 V
392 M
1.07 M
2.55 M
806 k
806 k
806 k
VOUT
VIN
FB
R1
R2
GND
IN
TPS715A01
0.1
µF
0.47
µF
OUT
TPS715Axx
SBVS047E
– MAY 2004 – REVISED JUNE 2011
www.ti.com
Programming the TPS715A01 Adjustable LDO Regulator
The output voltage of the TPS715A01 adjustable regulator is programmed using an external resistor divider as
shown in Figure 15. The output voltage is calculated using Equation 3:
(3)
where:
VREF = 1.205V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 1.5
μA divider current. Lower value resistors can be
used for improved noise performance, but the solution consumes more power. Higher resistor values should be
avoided as leakage current into/out of FB across R1/R2 creates an offset voltage that artificially
increases/decreases the feedback voltage and thus erroneously decreases/increases VO. The recommended
design procedure is to choose R2 = 1M
Ω to set the divider current at 1.5μA, and then calculate R1 using
Equation 4:
(4)
Figure 15. TPS715A01 Adjustable LDO Regulator Programming
8
Copyright
© 2004–2011, Texas Instruments Incorporated


Similar Part No. - TPS715A30DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A30DRVR TI-TPS715A30DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A30DRVR TI1-TPS715A30DRVR Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A30DRVR TI1-TPS715A30DRVR Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Similar Description - TPS715A30DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A33DRVR TI-TPS715A33DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com