Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS117 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BTS117
Description  Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS117 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button BTS117 Datasheet HTML 2Page - Siemens Semiconductor Group BTS117 Datasheet HTML 3Page - Siemens Semiconductor Group BTS117 Datasheet HTML 4Page - Siemens Semiconductor Group BTS117 Datasheet HTML 5Page - Siemens Semiconductor Group BTS117 Datasheet HTML 6Page - Siemens Semiconductor Group BTS117 Datasheet HTML 7Page - Siemens Semiconductor Group BTS117 Datasheet HTML 8Page - Siemens Semiconductor Group BTS117 Datasheet HTML 9Page - Siemens Semiconductor Group BTS117 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
13.07.1998
Semiconductor Group
Page 7
BTS 117
Typ. transfer characteristics
ID = f(VIN); VDS=12V; Tj=25°C
0
1
2
3
4
5
6
V
8
VIN
0
2
4
6
A
10
ID
Typ. output characteristic
ID = f(VDS); Tj=25°C
Parameter: VIN
0
1
2
3
4
V
6
VDS
0
2
4
6
A
10
ID
Vin=3V
4V
5V
6V
10V
Transient thermal impedance
ZthJC = f(tP)
Parameter: D=tP/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
2
s
tP
-2
10
-1
10
0
10
1
10
K/W
RthJC
0
0.005
0.01
0.02
0.05
0.1
0.2
D=0.5


Similar Part No. - BTS117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS117 INFINEON-BTS117 Datasheet
197Kb / 9P
   Smart Lowside Power Switch
Rev. 1.0, 2009-07-20
BTS117TC INFINEON-BTS117TC Datasheet
269Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BTS117 INFINEON-BTS117_12 Datasheet
215Kb / 11P
   Smart Low Side Power Switch
Rev. 1.4, 2012-07-11
More results

Similar Description - BTS117

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS941 SIEMENS-BTS941 Datasheet
193Kb / 11P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS933 SIEMENS-BTS933 Datasheet
194Kb / 11P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS133 SIEMENS-BTS133 Datasheet
138Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BSP75 SIEMENS-BSP75 Datasheet
55Kb / 9P
   Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP75A SIEMENS-BSP75A Datasheet
55Kb / 9P
   Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com