Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBR2-D080S Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBR2-D080S
Description  SURFACE MOUNT 2 AMP SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBR2-D080S Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBR2-D080S Datasheet HTML 1Page - Central Semiconductor Corp CBR2-D080S Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBR2-D020S SERIES
SURFACE MOUNT
2 AMP
SILICON BRIDGE RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBR2-D020S series
types are silicon full wave bridge rectifiers mounted in a
durable epoxy surface mount molded case, utilizing glass
passivated chips.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS:
CBR2-
CBR2-
CBR2-
CBR2-
CBR2-
(TA=25°C unless otherwise noted)
SYMBOL
D020S
D040S
D060S
D080S
D100S
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
V
Average Forward Current (TA=40°C)
IO
2.0
A
Peak Forward Surge Current
IFSM
50
A
Rating for Fusing (t<8.35ms)
I2t
10
A2s
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Typical Thermal Resistance (Note 1)
ΘJA
40
°C/W
Typical Thermal Resistance
ΘJL
15
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
5.0
µA
IR
VR=Rated VRRM, TA=125°C
0.5
mA
VF
IF=2.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
25
pF
Notes: (1) Device mounted on PCB with 13mm x 13mm copper pads.
SMDIP CASE
R0 (15-December 2010)
www.centra lsemi.com


Similar Part No. - CBR2-D080S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR2-D080S CENTRAL-CBR2-D080S Datasheet
363Kb / 3P
   SURFACE MOUNT SILICON BRIDGE RECTIFIERS
More results

Similar Description - CBR2-D080S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRSDSH2-40 CENTRAL-CBRSDSH2-40 Datasheet
870Kb / 3P
   SURFACE MOUNT 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRSDSH2-60 CENTRAL-CBRSDSH2-60 Datasheet
407Kb / 2P
   SURFACE MOUNT 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH2-40 CENTRAL-CBRHDSH2-40_10 Datasheet
813Kb / 3P
   SURFACE MOUNT HIGH DENSITY 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-60 CENTRAL-CBRLDSH2-60 Datasheet
532Kb / 2P
   SURFACE MOUNT LOW PROFILE 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRDFA4-100 CENTRAL-CBRDFA4-100 Datasheet
752Kb / 6P
   SURFACE MOUNT SILICON 4 AMP BRIDGE RECTIFIER
CBRLDSH2-100 CENTRAL-CBRLDSH2-100 Datasheet
537Kb / 2P
   SURFACE MOUNT LOW PROFILE 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRHDSH2-100 CENTRAL-CBRHDSH2-100_10 Datasheet
1Mb / 3P
   SURFACE MOUNT HIGH DENSITY 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRSDSH2-100 CENTRAL-CBRSDSH2-100 Datasheet
473Kb / 2P
   SURFACE MOUNT HIGH DENSITY 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBR1-D020S CENTRAL-CBR1-D020S_10 Datasheet
409Kb / 2P
   SURFACE MOUNT 1 AMP SILICON BRIDGE RECTIFIER
CBRSDSH5-40 CENTRAL-CBRSDSH5-40 Datasheet
970Kb / 3P
   SURFACE MOUNT 5 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com