Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6012ANX Datasheet(PDF) 9 Page - Rohm

Part # R6012ANX
Description  Nch 600V 12A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6012ANX Datasheet(HTML) 9 Page - Rohm

Back Button R6012ANX_12 Datasheet HTML 5Page - Rohm R6012ANX_12 Datasheet HTML 6Page - Rohm R6012ANX_12 Datasheet HTML 7Page - Rohm R6012ANX_12 Datasheet HTML 8Page - Rohm R6012ANX_12 Datasheet HTML 9Page - Rohm R6012ANX_12 Datasheet HTML 10Page - Rohm R6012ANX_12 Datasheet HTML 11Page - Rohm R6012ANX_12 Datasheet HTML 12Page - Rohm R6012ANX_12 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6012ANX
9/13
2012.01 - Rev.B
Electrical characteristic curves
0
0.2
0.4
0.6
0.8
0
5
10
15
I
D = 6A
I
D = 12A
T
a = 25ºC
Pulsed
0
0.2
0.4
0.6
0.8
-50
0
50
100
150
V
GS = 10V
Pulsed
I
D = 6A
I
D = 12A
0.01
0.1
1
10
0.001
0.1
10
V
GS = 10V
Pulsed
T
a = 125ºC
T
a = 75ºC
T
a = 25ºC
T
a = -25ºC
Fig.15 Static Drain - Source On - State
Resistance vs. Gate Source Voltage
Gate - Source Voltage : V
GS [V]
Fig.16 Static Drain - Source On - State
Resistance vs. Junction Temperature
Junction Temperature : T
j [ºC]
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current
Drain Current : I
D [A]


Similar Part No. - R6012ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6012ANX ROHM-R6012ANX Datasheet
307Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6012ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6012JNJ ROHM-R6012JNJ Datasheet
2Mb / 15P
   Nch 600V 12A Power MOSFET
R6012JNX ROHM-R6012JNX Datasheet
2Mb / 15P
   Nch 600V 12A Power MOSFET
RCJ120N25 ROHM-RCJ120N25 Datasheet
726Kb / 14P
   Nch 250V 12A Power MOSFET
RCJ120N20 ROHM-RCJ120N20 Datasheet
723Kb / 14P
   Nch 200V 12A Power MOSFET
RQ3L050GN ROHM-RQ3L050GN Datasheet
2Mb / 12P
   Nch 60V 12A Middle Power MOSFET
RQ3E120BN ROHM-RQ3E120BN Datasheet
2Mb / 12P
   Nch 30V 12A Middle Power MOSFET
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6025FNZ1 ROHM-R6025FNZ1 Datasheet
1,003Kb / 14P
   Nch 600V 25A Power MOSFET
R6076MNZ1 ROHM-R6076MNZ1 Datasheet
2Mb / 14P
   Nch 600V 76A Power MOSFET
R6010MND3 ROHM-R6010MND3 Datasheet
2Mb / 14P
   Nch 600V 10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com