Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6018ANJ Datasheet(PDF) 4 Page - Rohm

Part # R6018ANJ
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6018ANJ Datasheet(HTML) 4 Page - Rohm

  R6018ANJ Datasheet HTML 1Page - Rohm R6018ANJ Datasheet HTML 2Page - Rohm R6018ANJ Datasheet HTML 3Page - Rohm R6018ANJ Datasheet HTML 4Page - Rohm R6018ANJ Datasheet HTML 5Page - Rohm R6018ANJ Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6018ANJ
 
10
100
1000
10000
0
1
10
100
Fig.12 Reverse Recovery Time vs.
Source Current
T
a= 25℃
di/dt= 100A/
μs
V
GS= 0V
Pulsed
1
10
100
1000
10000
0.1
1
10
100
1000
C
iss
C
oss
C
rss
T
a= 25℃
f= 1MHz
V
GS= 0V
Fig.10 Typical Capacitance vs.
Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : V
DS (V)
0
5
10
15
0
10
20
30
40
50
60
70
T
a= 25℃
V
DD= 300V
I
D= 18A
R
G= 10Ω
Pulsed
Fig.11 Dynamic Input Characteristics
TOTAL GATE CHARGE : Q
g (nC)
SOURCE CURRENT : I
S (A)
1
10
100
1000
10000
0.01
0.1
1
10
100
t
r
t
f
t
d(on)
t
d(off)
Ta= 25
V
DD= 300V
V
GS= 10V
R
G= 10Ω
Pulsed
Fig.13 Switching Characteristics
DRAIN CURRENT : I
D (A)
4/5
2011.10 - Rev.A


Similar Part No. - R6018ANJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6018ANX ROHM-R6018ANX Datasheet
193Kb / 6P
   10V Drive Nch MOSFET
R6018ANX ROHM-R6018ANX Datasheet
1Mb / 14P
   Nch 600V 18A Power MOSFET
R6018ANX ROHM-R6018ANX_12 Datasheet
1Mb / 14P
   Nch 600V 18A Power MOSFET
More results

Similar Description - R6018ANJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com