Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-A5013-A2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # C67078-A5013-A2
Description  TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A5013-A2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  C67078-A5013-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A5013-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
Typ. transfer characteristic
I
D = f (VGS)
Parameter
:t
p = 80 µs, VDS = 25 V
Gate threshold voltage
V
GS(th) = f (Tj)
Parameter
:V
DS = VGS, ID = 1 mA
Typ. transconductance
g
fs = f (ID)
Parameter:
t
p = 80 µs, VDS = 25 V
Continuous drain current
I
D = f (TC)
Parameter:
V
GS ≥ 10 V
BTS 129


Similar Part No. - C67078-A5013-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A5001-A3 SIEMENS-C67078-A5001-A3 Datasheet
333Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5002-A4 SIEMENS-C67078-A5002-A4 Datasheet
295Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5003-A4 SIEMENS-C67078-A5003-A4 Datasheet
289Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5007-A2 SIEMENS-C67078-A5007-A2 Datasheet
301Kb / 9P
   Smart Highside Power Switch TEMPFET (P channel Enhancement mode Temperature sensor with thyristor characteristic)
C67078-A5008-A2 SIEMENS-C67078-A5008-A2 Datasheet
320Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
More results

Similar Description - C67078-A5013-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS120 INFINEON-BTS120 Datasheet
445Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
BTS130 INFINEON-BTS130 Datasheet
468Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
logo
Siemens Semiconductor G...
BTS240A SIEMENS-BTS240A Datasheet
327Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS120 SIEMENS-BTS120 Datasheet
310Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS112A SIEMENS-BTS112A Datasheet
319Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS130 SIEMENS-BTS130 Datasheet
333Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS240A INFINEON-BTS240A Datasheet
566Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS110 INFINEON-BTS110 Datasheet
560Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS114A INFINEON-BTS114A Datasheet
575Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com