Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB411VA-50 Datasheet(PDF) 1 Page - Rohm

Part # RB411VA-50
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB411VA-50 Datasheet(HTML) 1 Page - Rohm

  RB411VA-50_12 Datasheet HTML 1Page - Rohm RB411VA-50_12 Datasheet HTML 2Page - Rohm RB411VA-50_12 Datasheet HTML 3Page - Rohm RB411VA-50_12 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.rohm.com
©20
12 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB411VA-50
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1) Small mold type. (TUMD2)
2) High reliability.
Construction
Silicon epitaxial planar
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
VF1
-
-
0.50
V
IF=500mA
VF2
-
-
0.30
V
IF=10mA
Reverse current
IR
--
30
μAVR=10V
Capacitance between terminals
Ct
-
20
-
pF
VR=10V , f=1MHz
Parameter
Forawrd voltage
Conditions
Storage temperature
40 to 125
Junction temperature
125
Reverse voltage (DC)
20
Average rectified forward current
0.5
Parameter
Limits
Reverse voltage (repetitive peak)
50
Forward current surge peak (60Hz・1cyc)
3
1.1
TUMD2
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
1.43±0.05
4.0±0.1
φ1.0±0.2
     0
0.25±0.05
0.9±0.08
ROHM : TUMD2
dot (year week factory) + day
1.3±0.05
0.8±0.05
0.6±0.2
    0.1
0.17±0.1
  
0.05
1/3
2012.03 - Rev.C


Similar Part No. - RB411VA-50_12

ManufacturerPart #DatasheetDescription
logo
Rohm
RB411VA-50 ROHM-RB411VA-50_11 Datasheet
998Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB411VA-50_12

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com