Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS132 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BTS132
Description  TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS132 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BTS132 Datasheet HTML 1Page - Siemens Semiconductor Group BTS132 Datasheet HTML 2Page - Siemens Semiconductor Group BTS132 Datasheet HTML 3Page - Siemens Semiconductor Group BTS132 Datasheet HTML 4Page - Siemens Semiconductor Group BTS132 Datasheet HTML 5Page - Siemens Semiconductor Group BTS132 Datasheet HTML 6Page - Siemens Semiconductor Group BTS132 Datasheet HTML 7Page - Siemens Semiconductor Group BTS132 Datasheet HTML 8Page - Siemens Semiconductor Group BTS132 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Drain-source on-state resistance
R
DS(on) = f (Tj)
Parameter:
I
D = 12 A, VGS = 4.5 V (spread)
Typ. transfer characteristic
I
D = f (VGS)
Parameter
:t
p = 80 µs, VDS = 25 V
Gate threshold voltage
V
GS(th) = f (Tj)
Parameter
:V
DS = VGS, ID = 1 mA
Typ. transconductance
g
fs = f (ID)
Parameter:
t
p = 80 µs, VDS = 25 V
BTS 132


Similar Part No. - BTS132

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS132 INFINEON-BTS132 Datasheet
528Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results

Similar Description - BTS132

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS132 INFINEON-BTS132 Datasheet
528Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
logo
Siemens Semiconductor G...
BTS113A SIEMENS-BTS113A Datasheet
309Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS131 INFINEON-BTS131 Datasheet
525Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
logo
Siemens Semiconductor G...
BTS115A SIEMENS-BTS115A Datasheet
307Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS121A SIEMENS-BTS121A Datasheet
324Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS131 SIEMENS-BTS131 Datasheet
295Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS113A INFINEON-BTS113A Datasheet
548Kb / 10P
   TEMPFET(N-channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS115A INFINEON-BTS115A Datasheet
546Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS121A INFINEON-BTS121A Datasheet
563Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com