Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1888631-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1888631-2
Description  Quad Small Form- factor Pluggable (QSFP) Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1888631-2 Datasheet(HTML) 8 Page - Tyco Electronics

  1888631-2 Datasheet HTML 1Page - Tyco Electronics 1888631-2 Datasheet HTML 2Page - Tyco Electronics 1888631-2 Datasheet HTML 3Page - Tyco Electronics 1888631-2 Datasheet HTML 4Page - Tyco Electronics 1888631-2 Datasheet HTML 5Page - Tyco Electronics 1888631-2 Datasheet HTML 6Page - Tyco Electronics 1888631-2 Datasheet HTML 7Page - Tyco Electronics 1888631-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Quad Small Form-factor Pluggable
(QSFP) Products
FIBER OPTIC CABLES
QSFP Optical Jumper:
MPO to MPO suitable for interface to transceiver
Part Number
Standard Length
1938208-1
1m
1938208-5
5m
1-1938208-0
10m
2-1938208-0
20m
5-1938208-0
50m
Note: See drawing for part numbers of other standard lengths
• Uses 50/125um MM fiber
(500MHz-km BW at 850nm and
1300nm wavelengths) with
OFNR-rated jacket
• Fiber path is reversed (1 to 12, 2 to
11, 3 to 10, 4 to 9, fibers 5, 6, 7, 8
not used)
Other options include:
• Custom lengths
• High bandwidth cable
(up to 2000MHz-km)
• OFNP rated jacket
• Fanout to LC for interface to
SFP optical ports
6-1773447-7-CC&CE_AH-PDF-01/09
© 2009 by Tyco Electronics Corporation. All Rights Reserved.
INFINIBAND is a trademark of the InfiniBand Trade Association.
EVERCLEAR, Madison Cable, PARALIGHT, TE logo,TurboTwin,
and TYCO ELECTRONICS are trademarks. Other Products, logos, and
company names mentioned herein may be trademarks of their
respective owners. Specifications subject to change.
For more information, contact your Tyco Electronics sales engineer at the numbers listed below, or visit our website at:
http://www.tycoelectronics.com.
USA: 1-800-522-6752
Mexico and C. America: 52-55-1106-0814
China: +86 (0) 400-820-6015
Canada: 1-905-470-4425
S. America: 55-11-2103-6000
UK: + 44 (0) 8706-080208
France: +33 (0) 1-3420-8686
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Disclaimer
While Tyco Electronics has made every reasonable effort to
ensure the accuracy of the information in this catalog,
Tyco Electronics does not guarantee that it is error-free,
nor does Tyco Electronics make any other representation,
warranty or guarantee that the information is accurate,
correct, reliable or current.
Tyco Electronics reserves the right to make any adjustments
to the information contained herein at any time without
notice. Tyco Electronics expressly disclaims all implied
warranties regarding the information contained herein,
including, but not limited to, any implied warranties of
merchantability or fitness for a particular purpose.
The dimensions in this catalog are for reference
purposes only and are subject to change without notice.
Specifications are subject to change without notice.
Please consult Tyco Electronics for the latest dimensions
and design specifications.
Restriction on the use of Hazardous
Substances (RoHS)
At Tyco Electronics, we’re ready to support your RoHS
requirements. We’ve assessed more than 1.5 million end
items/components for RoHS compliance, and issued new
part numbers where any change was required to eliminate
the restricted materials. Part numbers in this catalog are
identified as:
RoHS Compliant — Part numbers in this catalog are
RoHS Compliant, unless marked otherwise. These products
comply with European Union Directive 2002/95/EC as
amended 1 January 2006 that restricts the use of lead,
mercury, cadmium, hexavalent chromium, PBB, and PBDE
in certain electrical and electronic products sold into the EU
as of 1 July 2006.
NOTE: For purposes of this Catalog, included within the
definition of RoHS Compliant are products that are clearly
“Out of Scope” of the RoHS Directive such as hand tools
and other non-electrical accessories.
NOTE: Information regarding RoHS compliance is provided
based on reasonable inquiry of our suppliers and repre-
sents our current actual knowledge based on the informa-
tion
provided by our suppliers. This information is subject to
change. For latest compliance status, refer to our website
referenced at right.
Getting the Information You Need
Our comprehensive on-line RoHS Customer Support Center
provides a forum to answer your questions and support
your RoHS needs. A RoHS FAQ (Frequently Asked
Questions) is available with links to more detailed informa-
tion. You can also submit RoHS questions and receive a
response within 24 hours during a normal work week. The
Support Center also provides:
Cross-Reference from Non-compliant to Compliant
Products
Ability to browse RoHS
Compliant Products in
our on-line catalog
Downloadable Technical
Data Customer
Information Presentation
More detailed information
regarding the definitions
used above
So whatever your questions when it comes to RoHS,
we’ve got the answers at
www.tycoelectronics.com/leadfree


Similar Part No. - 1888631-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888631-2 MACOM-1888631-2 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
TE Connectivity Ltd
1888631-2 TEC-1888631-2 Datasheet
1Mb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1888631-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
Molex Electronics Ltd.
0768711302 MOLEX11-0768711302 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768700004 MOLEX11-0768700004 Datasheet
37Kb / 2P
   Quad Small Form-factor Pluggable Plus QSFP Assembly
0768710006 MOLEX11-0768710006 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710008 MOLEX11-0768710008 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710005 MOLEX11-0768710005 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711303 MOLEX11-0768711303 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711301 MOLEX11-0768711301 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
1062835104 MOLEX-1062835104 Datasheet
47Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Breakout Cable Assembly
1062834003 MOLEX-1062834003 Datasheet
43Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Jumper Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com