Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-S5011-A2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C67078-S5011-A2
Description  TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-S5011-A2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C67078-S5011-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-S5011-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Examples for short-circuit protection
at
T
j = – 55 ... + 150 °C, unless otherwise specified.
Parameter
Symbol
Examples
Unit
12
Drain-source voltage
V
DS
15
30
V
Gate-source voltage
V
GS
6.2
5.0
Short-circuit current
I
SC
≤ 80
≤ 40
A
Short-circuit dissipation
P
SC
≤ 1200
≤ 1200
W
Response time
T
j = 25 °C, before short circuit
t
SC(off)
≤ 20
≤ 25
ms
BTS 140A
Short-circuit protection
I
SC = f (VDS)
Parameter
:V
GS
Diagram to determine
I
SC for Tj = – 55 ... +150°C
Max. gate voltage
V
GS(SC) = f (VDS)
Parameter:
T
j = – 55 ... + 150°C


Similar Part No. - C67078-S5011-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-S5010-A2 SIEMENS-C67078-S5010-A2 Datasheet
324Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
C67078-S5014-A3 SIEMENS-C67078-S5014-A3 Datasheet
319Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
C67078-S5015-A2 SIEMENS-C67078-S5015-A2 Datasheet
309Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
More results

Similar Description - C67078-S5011-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS112A INFINEON-BTS112A Datasheet
579Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS120 INFINEON-BTS120 Datasheet
445Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
BTS130 INFINEON-BTS130 Datasheet
468Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
04.97
logo
Siemens Semiconductor G...
BTS240A SIEMENS-BTS240A Datasheet
327Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS129 SIEMENS-BTS129 Datasheet
264Kb / 8P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS120 SIEMENS-BTS120 Datasheet
310Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS112A SIEMENS-BTS112A Datasheet
319Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
BTS130 SIEMENS-BTS130 Datasheet
333Kb / 9P
   TEMPFET (N channel Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS240A INFINEON-BTS240A Datasheet
566Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS110 INFINEON-BTS110 Datasheet
560Kb / 10P
   TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS114A INFINEON-BTS114A Datasheet
575Kb / 10P
   TEMPFET(N channel Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com