Electronic Components Datasheet Search |
|
BTS410D2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group |
|
BTS410D2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group |
3 / 14 page BTS 410 D2 Semiconductor Group 3 Electrical Characteristics Parameter and Conditions Symbol Values Unit at Tj = 25 °C, Vbb = 12 V unless otherwise specified min typ max Load Switching Capabilities and Characteristics On-state resistance (pin 3 to 5) IL = 1.6 A Tj=25 °C: Tj=150 °C: RON -- 190 390 220 440 m Ω Nominal load current, ISO Norm (pin 3 to 5) VON = 0.5 V, TC = 85 °C IL(ISO) 1.6 1.8 -- A Output current (pin 5) while GND disconnected or GND pulled up, Vbb=30 V, VIN= 0, see diagram page 7, Tj =-40...+150°C IL(GNDhigh) -- -- 1 mA Turn-on time IN to 90% VOUT: Turn-off time IN to 10% VOUT: RL = 12 Ω, Tj =-40...+150°C ton toff 12 5 -- -- 125 85 µs Slew rate on 10 to 30% VOUT, RL = 12 Ω, Tj =-40...+150°C d V /dton -- -- 3 V/ µs Slew rate off 70 to 40% VOUT, RL = 12 Ω, Tj =-40...+150°C -d V/dtoff -- -- 6 V/ µs Operating Parameters Operating voltage 6) Tj =-40...+150°C: Vbb(on) 4.7 -- 42 V Undervoltage shutdown Tj =25°C: Tj =-40...+150°C: Vbb(under) 2.9 2.7 -- -- 4.5 4.7 V Undervoltage restart Tj =-40...+150°C: Vbb(u rst) -- -- 4.9 V Undervoltage restart of charge pump see diagram page 12 Vbb(ucp) -- 5.6 6.0 V Undervoltage hysteresis ∆V bb(under) = Vbb(u rst) - Vbb(under) ∆V bb(under) -- 0.1 -- V Overvoltage shutdown Tj =-40...+150°C: Vbb(over) 42 -- 52 V Overvoltage restart Tj =-40...+150°C: Vbb(o rst) 40 -- -- V Overvoltage hysteresis Tj =-40...+150°C: ∆Vbb(over) -- 0.1 -- V Overvoltage protection7) Tj =-40...+150°C: Ibb=4 mA Vbb(AZ) 65 70 -- V Standby current (pin 3) Tj=-40...+25°C: VIN=0, IST ≤0, Tj= 150°C: Ibb(off) -- -- 10 18 15 25 µA Leakage output current (included in Ibb(off)) VIN=0 IL(off) -- -- 20 µA Operating current (Pin 1)8), VIN=5 V, Tj =-40...+150°C IGND -- 1 2.1 mA 6 ) At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V 7) Meassured without load. See also VON(CL) in table of protection functions and circuit diagram page 7. |
Similar Part No. - BTS410D2 |
|
Similar Description - BTS410D2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |