Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD060N25 Datasheet(PDF) 5 Page - Rohm

Part # RCD060N25
Description  10V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCD060N25 Datasheet(HTML) 5 Page - Rohm

  RCD060N25 Datasheet HTML 1Page - Rohm RCD060N25 Datasheet HTML 2Page - Rohm RCD060N25 Datasheet HTML 3Page - Rohm RCD060N25 Datasheet HTML 4Page - Rohm RCD060N25 Datasheet HTML 5Page - Rohm RCD060N25 Datasheet HTML 6Page - Rohm RCD060N25 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RCD060N25
 
10
100
1000
0
1
10
Source Current : I
S [A]
Fig.13 Reverse Recovery Time vs. Source Current
T
a=25°C
V
gs=0V
di/dt=100A/us
Pulsed
5/6
2011.11 - Rev.A


Similar Part No. - RCD060N25

ManufacturerPart #DatasheetDescription
logo
Rohm
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD041N25 ROHM-RCD041N25 Datasheet
850Kb / 14P
   Nch 250V 4.0A Power MOSFET
RCD050N20 ROHM-RCD050N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD051N20 ROHM-RCD051N20 Datasheet
788Kb / 14P
   Nch 200V 5.0A Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RCD051N20 DOINGTER-RCD051N20 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - RCD060N25

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com