Electronic Components Datasheet Search |
|
RCD060N25 Datasheet(PDF) 1 Page - Rohm |
|
RCD060N25 Datasheet(HTML) 1 Page - Rohm |
1 / 7 page Data Sheet www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved. 10V Drive Nch MOSFET RCD060N25 Structure Dimensions (Unit : mm) Silicon N-channel MOSFET Features 1) Low on-resistance. 2) High-speed switching. 3) Wide range of SOA. 4) Drive circuits can be simple. 5) Parallel use is easy. Application Switching Packaging specifications Inner circuit Package Taping Code TL Basic ordering unit (pieces) 2500 RCD060N25 Absolute maximum ratings (Ta = 25 C) Symbol Limits Unit Drain-source voltage VDSS 250 V Gate-source voltage VGSS 30 V Continuous ID 6A Pulsed IDP 24 A Continuous IS 6A Pulsed ISP 24 A Avalanche current IAS 3A Avalanche energy EAS 2.62 mJ Power dissipation PD 20 W Channel temperature Tch 150 C Range of storage temperature Tstg 55 to 150 C *1 Pw 10s, Duty cycle1% *2 L 500 H, VDD=50V, RG=25, Tch=25C *3 Limited only by maximum channel temperature allowed. *4 TC=25C Thermal resistance Symbol Limits Unit Channel to Case Rth (ch-c) 6.25 C / W * TC=25°C * Limited only by maximum channel temperature allowed. Parameter Type Source current (Body Diode) Drain current Parameter *1,3 *2 *2 (1) Gate (2) Drain (3) Source 1 BODY DIODE CPT3 (SC-63) <SOT-428> 6.5 2.3 (2) (3) 0.65 (1) 0.75 2.3 0.9 5.1 2.3 0.5 1.0 0.5 *4 *3 * *1 (1) (3) (2) ∗1 1/6 2011.11 - Rev.A |
Similar Part No. - RCD060N25 |
|
Similar Description - RCD060N25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |