Electronic Components Datasheet Search |
|
RCD080N25 Datasheet(PDF) 1 Page - Rohm |
|
RCD080N25 Datasheet(HTML) 1 Page - Rohm |
1 / 6 page Data Sheet www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved. 10V Drive Nch MOSFET RCD080N25 Structure Dimensions (Unit : mm) Silicon N-channel MOSFET Features 1) Low on-resistance. 2) High-speed switching. 3) Wide range of SOA. 4) Drive circuits can be simple. 5) Parallel use is easy. Application Switching Packaging specifications Inner circuit Package Taping Code TL Basic ordering unit (pieces) 2500 RCD080N25 Absolute maximum ratings (Ta = 25 C) Symbol Limits Unit Drain-source voltage VDSS 250 V Gate-source voltage VGSS 30 V Continuous ID 8A Pulsed IDP 32 A Continuous IS 8A Pulsed ISP 32 A Avalanche current IAS 4A Avalanche energy EAS 4.67 mJ Power dissipation PD 20 W Channel temperature Tch 150 C Range of storage temperature Tstg 55 to 150 C *1 Pw 10s, Duty cycle1% *2 L 500 H, VDD=50V, RG=25, Tch=25C *3 Limited only by maximum channel temperature allowed. *4 TC=25C Thermal resistance Symbol Limits Unit Channel to Case Rth (ch-c) 6.25 C / W * TC=25°C * Limited only by maximum channel temperature allowed. Parameter Type Source current (Body Diode) Drain current Parameter (1) Gate (2) Drain (3) Source 1 BODY DIODE CPT3 (SC-63) <SOT-428> 6.5 2.3 (2) (3) 0.65 (1) 0.75 2.3 0.9 5.1 2.3 0.5 1.0 0.5 * *2 *1 *1 *2 *4 *3 *3 (1) (3) (2) ∗1 1/5 2011.11 - Rev.A |
Similar Part No. - RCD080N25 |
|
Similar Description - RCD080N25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |