Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCX450N20 Datasheet(PDF) 4 Page - Rohm

Part # RCX450N20
Description  10V Drive Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCX450N20 Datasheet(HTML) 4 Page - Rohm

  RCX450N20 Datasheet HTML 1Page - Rohm RCX450N20 Datasheet HTML 2Page - Rohm RCX450N20 Datasheet HTML 3Page - Rohm RCX450N20 Datasheet HTML 4Page - Rohm RCX450N20 Datasheet HTML 5Page - Rohm RCX450N20 Datasheet HTML 6Page - Rohm RCX450N20 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RCX450N20
 
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.7 Forward Transfer Admittance vs. Drain Current
V
DS=10V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
Source-Drain Voltage : V
SD [V]
Fig.8 Source Current vs. Source-Drain Voltage
V
GS=0V
pulsed
T
a=125°C
T
a=75°C
T
a=25°C
T
a=-25°C
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
Gate-Source Voltage : V
GS [V]
Fig.9 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
I
D=22.5A
I
D=45.0A
T
a=25°C
Pulsed
10
100
1000
0.1
1
10
100
Drain Current : I
D [A]
Fig.10 Switching Characteristics
t
d(on)
t
r
t
d(off)
t
f
V
DD≒100V
V
GS=10V
R
G=10W
T
a=25°C
Pulsed
0
5
10
15
0
20
40
60
80
100
120
Total Gate Charge : Q
g [nC]
Fig.11 Dynamic Input Characteristics
T
a=25°C
V
DD=100V
I
D=45A
Pulsed
10
100
1000
10000
0.01
0.1
1
10
100
1000
Drain-Source Voltage : V
DS [V]
Fig.12 Typical Capacitance vs. Drain-Source Voltage
T
a=25°C
f=1MHz
V
GS=0V
C
iss
C
oss
C
rss
4/6
2011.09 - Rev.A


Similar Part No. - RCX450N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RCX450N20 ISC-RCX450N20 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RCX450N20

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com