Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF05VA1S Datasheet(PDF) 2 Page - Rohm

Part # RF05VA1S
Description  Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF05VA1S Datasheet(HTML) 2 Page - Rohm

  RF05VA1S Datasheet HTML 1Page - Rohm RF05VA1S Datasheet HTML 2Page - Rohm RF05VA1S Datasheet HTML 3Page - Rohm RF05VA1S Datasheet HTML 4Page - Rohm RF05VA1S Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF05VA1S
 
0.01
0.1
1
10
300 400 500 600 700 800 900 1000 1100 1200 1300
FORWARD VOLTAGE:V
F(mV)
V
F-IF CHARACTERISTICS
Tj=125
°C
Tj=25
°C
Tj=150
°C
Tj=75
°C
0
1
10
100
1000
0
20
40
60
80
100
Tj=150
°C
REVERSE VOLTAGE:V
R(V)
V
R-IR CHARACTERISTICS
Tj=125
°C
Tj=25
°C
Tj=75
°C
1
10
100
0
10
20
30
f=1MHz
REVERSE VOLTAGE:V
R(V)
V
R-Ct CHARACTERISTICS
800
810
820
830
840
850
V
F DISPERSION MAP
AVE:819.3mV
I
F=0.5A
0.1
1
10
I
R DISPERSION MAP
Ta=25
°C
V
R=100V
n=20pcs
AVE:0.80nA
20
21
22
23
24
25
26
27
28
29
30
AVE:28.18pF
f=1MHz
V
R=0V
Ct DISPERSION MAP
2/4
2011.10 - Rev.A


Similar Part No. - RF05VA1S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF05VA1S ROHM-RF05VA1S Datasheet
43Kb / 1P
   Fast Recovery Diodes
More results

Similar Description - RF05VA1S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com