Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5420 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N5420
Description  FAST RECOVERY GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 500 AND 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5420 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N5420 Datasheet HTML 1Page - Central Semiconductor Corp 1N5420 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5419
1N5420
FAST RECOVERY GLASS
PASSIVATED SILICON RECTIFIER
3 AMP, 500 AND 600 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N5419 and
1N5420 are Silicon Rectifiers mounted in a hermetically
sealed, glass passivated package, designed for general
purpose applications where fast reverse recovery times
and high reliability are required.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
1N5419
1N5420
UNITS
Peak Repetitive Reverse Voltage
VRRM
500
600
V
DC Blocking Voltage
VR
500
600
V
RMS Reverse Voltage
VR(RMS)
350
420
V
Average Forward Current (TA=55°C)
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
80
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
1.0
µA
IR
VR=Rated VRRM, TA=100°C
20
µA
IR
VR=Rated VRRM, TA=175°C
2.0
mA
VF
IF=3.0A
1.1
V
VF
IF=9.0A
1.5
V
BVR
IR=50µA (1N5419)
550
V
BVR
IR=50µA (1N5420)
660
V
CJ
VR=12V, f=1.0MHz (1N5419)
110
pF
CJ
VR=12V, f=1.0MHz (1N5420)
100
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5419)
250
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5420)
400
ns
MARKING: FULL PART NUMBER
GPR-4AM CASE
R2 (11-April 2011)
www.centra lsemi.com


Similar Part No. - 1N5420

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5420 GE-1N5420 Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Central Semiconductor C...
1N5420 CENTRAL-1N5420 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Microsemi Corporation
1N5420 MICROSEMI-1N5420 Datasheet
46Kb / 2P
   FAST RECTIFIERS
1N5420 MICROSEMI-1N5420 Datasheet
79Kb / 2P
   RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
logo
Voltage Multipliers Inc...
1N5420 VMI-1N5420 Datasheet
47Kb / 1P
   Spice Model
More results

Similar Description - 1N5420

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188 Datasheet
289Kb / 2P
   FAST RECOVERY, GLASS PASSIVATED SILICON RECTIFIER 3 AMP, 400 THRU 600 VOLTS
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
1N4933GP MCC-1N4933GP_13 Datasheet
535Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
MUR260GP MCC-MUR260GP Datasheet
346Kb / 2P
   2.0 Amp Glass Passivated Super Fast Recovery Rectifier 600 Volts
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933_1114 MCC-DL4933_1114 Datasheet
419Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com