Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5923B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N5923B
Description  SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5923B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N5923B Datasheet HTML 1Page - Central Semiconductor Corp 1N5923B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5913B THRU 1N5956B
SILICON ZENER DIODE
1.5 WATT, 3.3 THRU 200 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N5913B series
silicon Zener diode is a high quality voltage regulator
designed for use in automotive, industrial, commercial,
entertainment and computer applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS:
SYMBOL
UNITS
Power Dissipation (TL=75°C)
PD
1.5
W
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
VZ Tolerance: Part number with “B” suffix
±5
%
VZ Tolerance: Part number with “C” suffix
±2
%
VZ Tolerance: Part number with “D” suffix
±1
%
ELECTRICAL CHARACTERISTICS: (TL=30°C) VF=1.5V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
CURRENT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
VV
V
mA
Ω
Ω
mA
μA
V
mA
1N5913B
3.135
3.3
3.465
113.6
10
500
1.0
100
1.0
454
1N5914B
3.420
3.6
3.780
104.2
9.0
500
1.0
75
1.0
416
1N5915B
3.705
3.9
4.095
96.1
7.5
500
1.0
25
1.0
384
1N5916B
4.085
4.3
4.515
87.2
6.0
500
1.0
5.0
1.0
348
1N5917B
4.465
4.7
4.935
79.8
5.0
500
1.0
5.0
1.5
319
1N5918B
4.845
5.1
5.355
73.5
4.0
350
1.0
5.0
2.0
294
1N5919B
5.320
5.6
5.880
66.9
2.0
250
1.0
5.0
3.0
267
1N5920B
5.890
6.2
6.510
60.5
2.0
200
1.0
5.0
4.0
241
1N5921B
6.460
6.8
7.140
55.1
3.0
200
1.0
5.0
5.2
220
1N5922B
7.130
7.5
7.880
50
3.0
400
0.5
5.0
6.0
200
1N5923B
7.790
8.2
8.610
45.7
4.0
400
0.5
5.0
6.5
182
1N5924B
8.650
9.1
9.560
41.2
4.0
500
0.5
5.0
7.0
164
1N5925B
9.500
10
10.50
37.5
5.0
500
0.25
5.0
8.0
150
1N5926B
10.45
11
11.55
34.1
6.0
550
0.25
1.0
8.4
136
1N5927B
11.40
12
12.60
31.2
7.0
550
0.25
1.0
9.1
125
1N5928B
12.35
13
13.65
28.8
7.0
550
0.25
1.0
9.9
115
1N5929B
14.25
15
15.75
25
9.0
600
0.25
1.0
11.4
100
1N5930B
15.20
16
16.80
23.4
10
600
0.25
1.0
12.2
93
1N5931B
17.10
18
18.90
20.8
12
650
0.25
1.0
13.7
83
1N5932B
19.00
20
21.00
18.7
14
650
0.25
1.0
15.2
75
1N5933B
20.90
22
23.10
17
18
650
0.25
1.0
16.7
68
Cen
tral
DO-41 CASE
R3 (8-March 2012)
www.centr a lsemi.com


Similar Part No. - 1N5923B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5923B JGD-1N5923B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
Pan Jit International I...
1N5923B PANJIT-1N5923B Datasheet
56Kb / 4P
   SILICON ZENER DIODES
logo
Microsemi Corporation
1N5923B MICROSEMI-1N5923B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Frontier Electronics.
1N5923B FRONTIER-1N5923B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Central Semiconductor C...
1N5923B CENTRAL-1N5923B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N5923B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Central Semiconductor C...
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
logo
Micro Commercial Compon...
1N5913BP MCC-1N5913BP_13 Datasheet
509Kb / 5P
   1.5 Watt Zener Diode 3.3to 200 Volts
SMAJ5922B-TP MCC-SMAJ5922B-TP Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com