Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6043 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6043
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6043 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6043 Datasheet HTML 1Page - Central Semiconductor Corp 2N6043 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6040
2N6041
2N6042
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N6043
2N6044
2N6045
UNITS
Collector-Base Voltage
VCBO
60
80
100
V
Collector-Emitter Voltage
VCEO
60
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
8.0
A
Peak Collector Current
ICM
16
A
Base Current
IB
120
mA
Power Dissipation
PD
75
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
1.67
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
20
µA
ICEV
VCE=Rated VCEO, VBE(OFF)=1.5V
20
µA
ICEV
VCE=Rated VCEO, VBE(OFF)=1.5V, TC=150°C
200
µA
ICEO
VCE=Rated VCEO
20
µA
IEBO
VEB=5.0V
2.0
mA
BVCEO
IC=100mA (2N6040, 2N6043)
60
V
BVCEO
IC=100mA (2N6041, 2N6044)
80
V
BVCEO
IC=100mA (2N6042, 2N6045)
100
V
VCE(SAT)
IC=4.0A, IB=16mA (2N6040, 2N6041, 2N6043, 2N6044)
2.0
V
VCE(SAT)
IC=3.0A, IB=12mA (2N6042, 2N6045)
2.0
V
VCE(SAT)
IC=8.0A, IB=80mA
4.0
V
VBE(SAT)
IC=8.0A, IB=80mA
4.5
V
VBE(ON)
VCE=4.0V, IC=4.0A
2.8
V
hFE
VCE=4.0V, IC=4.0A (2N6040, 2N6041, 2N6043, 2N6044)
1,000
20,000
hFE
VCE=4.0V, IC=3.0A (2N6042, 2N6045)
1,000
20,000
hFE
VCE=4.0V, IC=8.0A
100
2N6040 2N6041 2N6042 PNP
2N6043 2N6044 2N6045 NPN
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6040 and
2N6043 Series types are Complementary Silicon
Power Transistors, manufactured by the epitaxial
base process, designed for general purpose amplifier
applications.
MARKING: FULL PART NUMBER
TO-220 CASE
R1 (16-November 2009)
www.centr a lsemi.com


Similar Part No. - 2N6043

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6043 MOSPEC-2N6043 Datasheet
199Kb / 4P
   POWER TRANSISTORS(10A,80W)
logo
Central Semiconductor C...
2N6043 CENTRAL-2N6043 Datasheet
260Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
2N6043 ONSEMI-2N6043 Datasheet
174Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 4
2N6043 ONSEMI-2N6043 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6043 BOCA-2N6043 Datasheet
205Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - 2N6043

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com