Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM101524 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM101524
Description  1M x 4 Bit Fast Static Random Access Memory with ECL I/O
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM101524 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM101524 Datasheet HTML 1Page - Motorola, Inc MCM101524 Datasheet HTML 2Page - Motorola, Inc MCM101524 Datasheet HTML 3Page - Motorola, Inc MCM101524 Datasheet HTML 4Page - Motorola, Inc MCM101524 Datasheet HTML 5Page - Motorola, Inc MCM101524 Datasheet HTML 6Page - Motorola, Inc MCM101524 Datasheet HTML 7Page - Motorola, Inc MCM101524 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCM101524
5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
MCM101524–12
MCM101524–15
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
12
15
ns
3
Address Setup Time
tAVWL
1
1
ns
Address Valid to End of Write
tAVWH
9
10
ns
Write Pulse Width
tWLWH,
tWLSH
8
9
ns
Data Valid to End of Write
tDVWH
8
9
ns
Data Hold Time
tWHDX
1
1
ns
Write High to Output Active
tWHQX
4
4
ns
4
Write High to Output Valid
tWHQV
13
16
ns
Write Recovery Time
tWHAX
1
1
ns
Write Low to Output Low
tWLQL
0
8
0
9
ns
NOTES:
1. A write occurs during the overlap of S low and W low.
2. Product sensitivites to noise require proper grounding and decoupling of power supplies during read and write cycles.
3. All write cycle timings are referenced from the last valid address to the first transitioning address.
4. This parameter is sampled and not 100% tested.
WRITE CYCLE 1 (W Controlled, See Notes 1, 2, and 3)
tDVWH
tAVWL
tAVWH
tAVAV
tWHAX
tWLWH
tWHDX
tWLQL
tWHQX
A (ADDRESS)
S (CHIP SELECT)
Q (DATA OUT)
D (DATA IN)
tWLSH
W (WRITE ENABLE)
tWHQV
DATA VALID
ADDRESS VALID
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.


Similar Part No. - MCM101524

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM101525 MOTOROLA-MCM101525 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
MCM101525B12 MOTOROLA-MCM101525B12 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
MCM101525B15 MOTOROLA-MCM101525B15 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
More results

Similar Description - MCM101524

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM101525 MOTOROLA-MCM101525 Datasheet
454Kb / 8P
   2M x 2 Bit Fast Static Random Access Memory with ECL I/O
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com