Selected language     English  ▼


BTS432F2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BTS432F2
Description  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 4 page
background image
BTS 432 F2
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C,
Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
4
Protection Functions
Initial peak short circuit current limit (pin 3 to 5)8),
( max 400
µs if VON > VON(SC) )
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
--
--
7
--
21
--
35
--
--
A
Repetitive short circuit current limit
IL(SCr)
Tj = Tjt (see timing diagrams, page 10)
610
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 30
µs
td(SC)
80
--
400
µs
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL), IL= 30 mA
VON(CL)
--
58
--
V
Short circuit shutdown detection voltage
(pin 3 to 5)
VON(SC)
--
8.3
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Inductive load switch-off energy dissipation9),
Tj Start = 150 °C, single pulse
Vbb = 12 V:
Vbb = 24 V:
EAS
ELoad12
ELoad24
--
--
1.7
1.3
1.0
J
Reverse battery (pin 3 to 1) 10)
-
Vbb
--
--
32
V
Integrated resistor in Vbb line
Rbb
--
120
--
Diagnostic Characteristics
Open load detection current
Tj=-40 °C:
(on-condition)
Tj=25..150°C:
IL (OL)
2
2
--
--
900
750
mA
8
)
Short circuit current limit for max. duration of 400
µs, prior to shutdown (see td(SC) page 4)
9)
While demagnetizing load inductance, dissipated energy in PROFET is
EAS=
VON(CL) * iL(t) dt, approx.
EAS= 1/2 * L * I
2
L
* (
VON(CL)
VON(CL) - Vbb
), see diagram page 8
10
) Reverse load current (through intrinsic drain-source diode) is normally limited by the connected load.
Reverse current IGND of ≈ 0.3 A at Vbb= -32 V through the logic heats up the device. Time allowed under
these condition is dependent on the size of the heatsink. Reverse IGND can be reduced by an additional
external GND-resistor (150
Ω). Input and Status currents have to be limited (see max. ratings page 2 and
circuit page 7).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432I2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS430K2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS542D2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS542E2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl