Selected language     English  ▼


BTS432F2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BTS432F2
Description  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 1 page
background image
PROFET® BTS 432 F2
Semiconductor Group
1
04.96
Smart Highside Power Switch
Features
• Load dump and reverse battery protection1)
• Clamp of negative voltage at output
• Short-circuit protection
• Current limitation
• Thermal shutdown
• Diagnostic feedback
• Open load detection in ON-state
• CMOS compatible input
• Electrostatic discharge (ESD) protection
• Loss of ground and loss of V
bb protection
2)
• Overvoltage protection
• Undervoltage and overvoltage shutdown with auto-restart and hysteresis
Application
• µC compatible power switch with diagnostic feedback
for 12 V and 24 V DC grounded loads
• Most suitable for inductive loads
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, integrated in Smart SIPMOS® chip on chip technology. Fully protected by embedded protection
functions.
+ Vbb
IN
ST
Signal GND
ESD
PROFET
®
OUT
GND
Logic
Voltage
sensor
Voltage
source
Open load
detection
Short circuit
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
4
1
3
5
Load GND
Load
V
Logic
Overvoltage
protection
R
bb
1)
No external components required, reverse load current limited by connected load.
2)
Additional external diode required for charged inductive loads
Product Summary
VLoad dump
80
V
Vbb-VOUT Avalanche Clamp
58
V
Vbb (operation)
4.5 ... 42
V
Vbb (reverse)
-32
V
RON
38
m
IL(SCp)
21
A
IL(SCr)
10
A
IL(ISO)
11
A
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432I2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS430K2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS542D2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS542E2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl