Selected language     English  ▼


BTS432F2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BTS432F2
Description  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 2 page
background image
BTS 432 F2
Semiconductor Group
2
Pin
Symbol
Function
1
GND
-
Logic ground
2
IN
I
Input, activates the power switch in case of logical high signal
3Vbb
+
Positive power supply voltage,
the tab is shorted to this pin
4
ST
S
Diagnostic feedback, low on failure
5
OUT
(Load, L)
O
Output to the load
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 3)
Vbb
63
V
Load dump protection
VLoadDump = UA + Vs, UA = 13.5 V
RI= 2
Ω, RL= 1.1 Ω, td= 200 ms, IN= low or high
Vs3)
66.5
V
Load current (Short-circuit current, see page 4)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)
Ptot
125
W
Inductive load switch-off energy dissipation,
single pulse
Tj=150 °C:
EAS
1.7
J
Electrostatic discharge capability (ESD)
(Human Body Model)
VESD
2.0
kV
Input voltage (DC)
VIN
-0.5 ... +6
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 6...
IIN
IST
±5.0
±5.0
mA
Thermal resistance
chip - case:
junction - ambient (free air):
RthJC
RthJA
≤ 1
≤ 75
K/W
SMD version, device on pcb4):
≤ tbd
3)
VS is setup without DUT connected to the generator per ISO 7637-1 and DIN 40839
4
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432I2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS430K2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS542D2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS726L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS542E2Smart Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS733L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS734L1Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl