Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMR1-01M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR1-01M
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 50 AND 100 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR1-01M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR1-01M Datasheet HTML 1Page - Central Semiconductor Corp CMR1-01M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMR1-005M
CMR1-01M
SURFACE MOUNT
GENERAL PURPOSE
SILICON RECTIFIER
1 AMP, 50 AND 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMR1-005M
Series 1.0 Amp Surface Mount Silicon Rectifier
is a high quality, well constructed, highly reliable
component designed for use in all types of commercial,
industrial, entertainment, computer, and automotive
applications where small size is required. The SMA
case occupies 30% less board space than the SMB
case. To order devices on 12mm Tape and Reel
(5000/13” Reel), add TR13 suffix to part number.
MARKING CODES: CMR1-005M: C005M
CMR1-01M: C01M
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMR1-005M
CMR1-01M
UNITS
Peak Repetitive Reverse Voltage
VRRM
50
100
V
DC Blocking Voltage
VR
50
100
V
RMS Reverse Voltage
VR(RMS)
35
70
V
Average Forward Current (TL=100°C)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
5.0
µA
IR
VR=Rated VRRM, TA=125°C
50
µA
VF
IF=1.0A
1.1
V
CJ
VR=4.0V, f=1.0MHz
8.0
pF
FEATURES:
• Low cost
• High reliability
• Glass passivated chip
• Special selections available
• Superior lot to lot consistency
• “C” bend construction provides strain relief
when mounted on pc board
SMA CASE
R2 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMR1-01M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1-01M CENTRAL-CMR1-01M Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
More results

Similar Description - CMR1-01M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1-02M CENTRAL-CMR1-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMSH1-20 CENTRAL-CMSH1-20_10 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
CMMSH1-20 CENTRAL-CMMSH1-20_10 Datasheet
283Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
CMR2-02 CENTRAL-CMR2-02_10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 2 AMP
CLLRH CENTRAL-CLLRH_10 Datasheet
301Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CMR3-02 CENTRAL-CMR3-02_11 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 200 THRU 1100 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com