Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH1-100HE Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH1-100HE
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH1-100HE Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH1-100HE Datasheet HTML 1Page - Central Semiconductor Corp CMSH1-100HE Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSH1-40HE CMSH1-100HE
CMSH1-60HE CMSH1-150HE
CMSH1-80HE CMSH1-200HE
SURFACE MOUNT
SILICON SCHOTTKY RECTIFIER
1 AMP, 40 THRU 200 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH1-40HE
Series 1.0 Amp Surface Mount Silicon Schottky
Rectifier is a high quality, high efficiency component
designed for use in all types of commercial, industrial,
entertainment, computer, and automotive applications.
FEATURES:
• High reliability
• High efficiency Schottky rectifier
• 40V to 200V range
• Low leakage current
• Low VF
• “C” bend construction provides strain
relief when mounted on pc board
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMSH1
SYMBOL -40HE -60HE -80HE -100HE -150HE -200HE UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
80
100
150
200
V
DC Blocking Voltage
VR
40
60
80
100
150
200
V
RMS Reverse Voltage
VR(RMS)
28
42
56
70
105
140
V
Average Forward Current
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage Junction Temperature TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
50
µA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=1.0A (CMSH1-40HE)
0.70
V
VF
IF=1.0A (CMSH1-60HE)
0.74
V
VF
IF=1.0A (CMSH1-80HE, -100HE)
0.80
V
VF
IF=1.0A (CMSH1-150HE, -200HE)
0.90
V
SMA CASE
R1 (10-June 2011)
www.centra lsemi.com


Similar Part No. - CMSH1-100HE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-100HE CENTRAL-CMSH1-100HE Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results

Similar Description - CMSH1-100HE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH5-100HV CENTRAL-CMSH5-100HV Datasheet
357Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 100 THRU 200 VOLTS
CMSH3-100MHV CENTRAL-CMSH3-100MHV Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 100 THRU 200 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02 Datasheet
281Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 600 VOLTS
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02_12 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 800 VOLTS
CSHD8-60 CENTRAL-CSHD8-60 Datasheet
360Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 8 AMP, 60 THRU 200 VOLTS
CMSH1-20 CENTRAL-CMSH1-20_10 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com