Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS542D2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS542D2
Description  Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS542D2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS542D2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS542D2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BTS 542 D2
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
Page 4
13.Nov.95
Protection Functions
Initial peak short circuit current limit (pin 3 to 5)7),
( max 400
ms if VON > VON(SC) )
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
--
--
45
--
95
--
140
--
--
A
Repetitive short circuit current limit
IL(SCr)
Tj = Tjt (see timing diagrams, page 10)
30
70
--
A
Short circuit shutdown delay after input pos. slope
VON > VON(SC),
Tj =-40..+150°C:
min value valid only, if input "low" time exceeds 30
ms
td(SC)
80
--
400
ms
Output clamp (inductive load switch off)
at
VOUT = Vbb - VON(CL), IL= 30 mA
VON(CL)
--
58
--
V
Short circuit shutdown detection voltage
(pin 3 to 5)
VON(SC)
--
8.3
--
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
,Tjt
--
10
--
K
Inductive load switch-off energy dissipation8),
Tj Start = 150 °C, single pulse
Vbb = 12 V:
Vbb = 24 V:
EAS
ELoad12
ELoad24
--
--
2.1
1.7
1.2
J
Reverse battery (pin 3 to 1) 9)
-
Vbb
--
--
32
V
Integrated resistor in
Vbb line
Rbb
--
120
--
W
Diagnostic Characteristics
Open load detection current
Tj=-40 °C:
(on-condition)
Tj=25..150°C:
IL (OL)
2
2
--
--
1900
1500
mA
7
)
Short circuit current limit for max. duration of td(SC) max=400
ms, prior to shutdown
8)
While demagnetizing load inductance, dissipated energy in PROFET is
EAS=
òò VON(CL) * iL(t) dt, approx.
EAS= 1/2 * L * I
2
L
* (
VON(CL)
VON(CL) - Vbb
), see diagram page 8
9
)
Reverse load current (through intrinsic drain-source diode) is normally limited by the connected load.
Reverse current I
GND of » 0.3 A at Vbb= -32 V through the logic heats up the device. Time allowed under
these condition is dependent on the size of the heatsink. Reverse I
GND can be reduced by an additional
external GND-resistor (150
W). Input and Status currents have to be limited (see max. ratings page 2 and
circuit page 7).


Similar Part No. - BTS542D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS54220-LBA INFINEON-BTS54220-LBA Datasheet
2Mb / 71P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54220-LBB INFINEON-BTS54220-LBB Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54220-LBB INFINEON-BTS54220-LBB_15 Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54220-LBE INFINEON-BTS54220-LBE Datasheet
2Mb / 72P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
BTS54220-LBF INFINEON-BTS54220-LBF Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
More results

Similar Description - BTS542D2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS412B2 SIEMENS-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442E2 SIEMENS-BTS442E2 Datasheet
158Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410G2 SIEMENS-BTS410G2 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com