Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR70U-020 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CR70U-020
Description  70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CR70U-020 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CR70U-020 Datasheet HTML 1Page - Central Semiconductor Corp CR70U-020 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CR70U
SYMBOL
-010
-015
-020
-040
-060
-080
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
150
200
400
600
800
V
DC Blocking Voltage
VR
100
150
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
70
105
140
280
420
560
V
Peak Forward Surge Current (8.3ms)
IFSM
1000
1000
1000
800
700
700
A
Average Forward Current, TC=120°C
IO
70
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
JC
0.8
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
CR70U-010
CR70U-020
CR70U-060
CR70U-015
CR70U-040
CR70U-080
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IR
VR=Rated VRRM
-
25
-
25
-
25
µA
IR
VR=Rated VRRM, TC=125°C
-
3.0
-
3.0
-
3.0
mA
VF
IF=70A
-
0.975
-
1.30
-
1.35
V
trr
IF=0.5A, IR=1.0A, Rec. to 0.25A
-
50
-
75
-
100
ns
CR70U-010 SERIES
70 AMP ULTRA FAST
RECOVERY SILICON RECTIFIER
100 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CR70U-010
Series types are 70 Amp stud mounted ultra fast
recovery silicon rectifiers which are high quality, well
constructed, highly reliable components designed
for use in all types of military, commercial, industrial,
entertainment, computer, and automotive applications.
MARKING: FULL PART NUMBER
DO-5 CASE
R3 (23-November 2009)
www.centr a lsemi.com


Similar Part No. - CR70U-020

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR75 SUMIDA-CR75 Datasheet
113Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75 Datasheet
113Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75 Datasheet
160Kb / 2P
   POWER INDUCTORS
CR75NP-100KB SUMIDA-CR75NP-100KB Datasheet
160Kb / 2P
   POWER INDUCTORS
CR75NP-100KC SUMIDA-CR75NP-100KC Datasheet
160Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CR70U-020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
   9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CMMR1U CENTRAL-CMMR1U Datasheet
281Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 800 VOLTS
CMR1U-01 CENTRAL-CMR1U-01 Datasheet
118Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP,100 THRU 1000 VOLTS
CMR3U-01 CENTRAL-CMR3U-01 Datasheet
116Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M Datasheet
86Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP, 100 THRU 600 VOLTS
CMR2U-01 CENTRAL-CMR2U-01 Datasheet
253Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 2.0 AMP, 100 THRU 600 VOLTS
CMR5U-02 CENTRAL-CMR5U-02 Datasheet
97Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER 5.0 AMP, 200 THRU 800 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
CMR2U-01 CENTRAL-CMR2U-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 2 AMP, 100 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com