Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLSH01-30L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLSH01-30L
Description  SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLSH01-30L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLSH01-30L Datasheet HTML 1Page - Central Semiconductor Corp CTLSH01-30L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTLSH01-30L
SURFACE MOUNT SILICON
LOW VF SCHOTTKY DIODE
MARKING CODE: D
FEATURES:
• Current (IO=100mA)
• Low Forward Voltage Drop (VF=0.30V TYP @ 10mA)
• Low Reverse Current (1.3µA TYP @ 10V)
• Ultra Small, Ultra Low Profile 0.3mm x 0.6mm x 0.3mm
TLPLeadless Surface Mount package
APPLICATIONS:
• DC - DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered applications including
Cell Phones, Digital Cameras, Pagers,
PDAs, Laptop Computers, etc.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
30
V
DC Blocking Voltage
VR
30
V
Average Forward Current
IO
100
mA
Peak Forward Surge Current, tp=8.3ms
IFSM
500
mA
Power Dissipation
PD
100
mW
Operating Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
1000
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=3.3V
0.8
2.0
µA
IR
VR=10V
1.3
7.0
µA
BVR
IR=100µA
30
V
VF
IF=5.0µA
70
95
mV
VF
IF=10mA
300
370
mV
CT
VR=0, f=1.0MHz
7.0
pF
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLSH01-30L is
a high quality Schottky Diode designed for applications
where ultra small size and low forward voltage are prime
requirements. Packaged in a Tiny Leadless Package™,
TLP™, this component provides performance
characteristics suitable for the most demanding size
constrained applications.
TLM2D3D6 CASE
R2 (26-May 2011)
www.centra lsemi.com


Similar Part No. - CTLSH01-30L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH01-30L CENTRAL-CTLSH01-30L Datasheet
518Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CTLSH01-30L_1210 CENTRAL-CTLSH01-30L_1210 Datasheet
518Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L_15 Datasheet
835Kb / 4P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
More results

Similar Description - CTLSH01-30L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFSH01-30L CENTRAL-CFSH01-30L Datasheet
358Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMLSH05-4 CENTRAL-CMLSH05-4_10 Datasheet
511Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CMGSH1-3 CENTRAL-CMGSH1-3 Datasheet
423Kb / 2P
   Surface Mount Low VF SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621 Datasheet
158Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_V01 Datasheet
833Kb / 4P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
5-January 2015
CTLSH05-4M521 CENTRAL-CTLSH05-4M521 Datasheet
164Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CMDSH05-4 CENTRAL-CMDSH05-4_10 Datasheet
366Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY DIODE
CTLSH01-30L CENTRAL-CTLSH01-30L_15 Datasheet
835Kb / 4P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CTLSH01-30L_1210 CENTRAL-CTLSH01-30L_1210 Datasheet
518Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
CMDSH05-45 CENTRAL-CMDSH05-45 Datasheet
372Kb / 2P
   Surface Mount Low VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com