Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS611L1 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BTS611L1
Description  Smart Two Channel Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS611L1 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BTS611L1 Datasheet HTML 1Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 2Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 3Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 4Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 5Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 6Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 7Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 8Page - Siemens Semiconductor Group BTS611L1 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS 611 L1
Parameter and Conditions, each channel
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
Protection Functions
Initial peak short circuit current limit (pin 4 to 1
or 7)
IL(SCp)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
5.5
4.5
2.5
9.5
7.5
4.5
13
11
7
A
Repetitive short circuit shutdown current limit
IL(SCr)
Tj = Tjt (see timing diagrams, page 11)
--
4
--
A
Output clamp (inductive load switch off)
at
VOUT = Vbb - VON(CL)
IL= 40 mA: VON(CL)
41
47
53
V
Thermal overload trip temperature
Tjt
150
--
--
°C
Thermal hysteresis
∆T
jt
--
10
--
K
Reverse battery (pin 4 to 2) 9)
-
Vbb
--
--
32
V
Reverse battery voltage drop (Vout > Vbb)
IL = -1.8 A, each channel
Tj=150 °C: -VON(rev)
--
610
--
mV
Diagnostic Characteristics
Open load detection current
Tj=-40 °C:
(on-condition)
Tj=25 ..150°C:
IL (OL)
10
10
--
--
200
150
mA
Open load detection voltage10) (off-condition)
Tj=-40..150°C:
VOUT(OL)
234
V
Internal output pull down
(pin 1 or 7 to 2),
VOUT=5 V, Tj=-40..150°C
RO
41030
k
9
)
Requires 150
Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal
operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature
protection is not active during reverse current operation! Input and Status currents have to be limited (see
max. ratings page 2 and circuit page 8).
10) External pull up resistor required for open load detection in off state.


Similar Part No. - BTS611L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS611L1 INFINEON-BTS611L1 Datasheet
438Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS611L1E3128A INFINEON-BTS611L1E3128A Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS611L1 INFINEON-BTS611L1_13 Datasheet
438Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
More results

Similar Description - BTS611L1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com