Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN2907 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # PN2907
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PN2907 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  PN2907 Datasheet HTML 1Page - Central Semiconductor Corp PN2907 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PN2906
PN2906A
PN2907
PN2907A
PNP SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
PN2906
PN2907
PN2906A
PN2907A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=0.1mA (PN2906, PN2907)
20
-
35
-
hFE
VCE=10V, IC=0.1mA (PN2906A, PN2907A)
40
-
75
-
hFE
VCE=10V, IC=1.0mA (PN2906, PN2907)
25
-
50
-
hFE
VCE=10V, IC=1.0mA (PN2906A, PN2907A)
40
-
100
-
hFE
VCE=10V, IC=10mA (PN2906, PN2907)
35
-
75
-
hFE
VCE=10V, IC=10mA (PN2906A, PN2907A)
40
-
100
-
hFE
VCE=10V, IC=150mA
40
120
100
300
hFE
VCE=10V, IC=500mA (PN2906, PN2907)
20
-
30
-
hFE
VCE=10V, IC=500mA (PN2906A, PN2907A)
40
-
50
-
TO-92 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
www.centr a lsemi.com
R2 (30-January 2012)


Similar Part No. - PN2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2907 PHILIPS-PN2907 Datasheet
71Kb / 8P
   PNP switching transistor
1997 May 05
logo
List of Unclassifed Man...
PN2907 ETC-PN2907 Datasheet
301Kb / 1P
   PNP OUTPUT TRANSISTOR
logo
Fairchild Semiconductor
PN2907 FAIRCHILD-PN2907 Datasheet
42Kb / 2P
   PNP General Purpose Amplifier
PN2907 FAIRCHILD-PN2907 Datasheet
58Kb / 6P
   PNP General Purpose Amplifier
logo
Micro Electronics
PN2907 MICRO-ELECTRONICS-PN2907 Datasheet
231Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - PN2907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com