Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN4209 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PN4209
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PN4209 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PN4209 Datasheet HTML 1Page - Central Semiconductor Corp PN4209 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PN4209
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR PN4209 is a PNP
Silicon Transistor designed for high speed switching
applications.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
4.5
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
200
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=8.0V
10
nA
ICES
VCE=8.0V, TA=125°C
5.0
μA
BVCBO
IC=100μA
15
V
BVCES
IC=100μA
15
V
BVCEO
IC=3.0mA
15
V
BVEBO
IE=100μA
4.5
V
VCE(SAT)
IC=1.0mA, IB=100μA
0.15
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.18
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.60
V
VBE(SAT)
IC=1.0mA, IB=100μA
0.80
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.69
0.86
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.5
V
hFE
VCE=0.5V, IC=1.0mA
35
hFE
VCE=0.3V, IC=10mA
50
120
hFE
VCE=0.3V, IC=10mA, TA=-55°C
20
hFE
VCE=1.0V, IC=50mA
40
fT
VCE=10V, IC=10mA, f=100MHz
850
MHz
Cob
VCB=5.0V, IE=0
7.0
pF
Cib
VBE=0.5V, IC=0
7.0
pF
R0 (1-December 2011)
www.centr a lsemi.com


Similar Part No. - PN4209

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PN4209 CENTRAL-PN4209_15 Datasheet
324Kb / 2P
   PNP SILICON TRANSISTOR
More results

Similar Description - PN4209

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com