Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6302-A2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67060-S6302-A2
Description  Smart Two Channel Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67060-S6302-A2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67060-S6302-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 8Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 9Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 10Page - Siemens Semiconductor Group Q67060-S6302-A2 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BTS 611 L1
Semiconductor Group
7
Truth Table
IN1
IN2
OUT1
OUT2
ST
ST
BTS611L1
BTS612N1
Normal operation
L
L
H
H
L
H
L
H
L
L
H
H
L
H
L
H
H
H
H
H
H
H
H
H
Open load
Channel 1
L
L
H
L
H
X
Z
Z
H
L
H
X
H(L12))
H
L
L
H
H
Channel 2
L
H
X
L
L
H
L
H
X
Z
Z
H
H(L12))
H
L
L
H
H
Short circuit to Vbb
Channel 1
L
L
H
L
H
X
H
H
H
L
H
X
L13)
H
H(L14))
L
H
H
Channel 2
L
H
X
L
L
H
L
H
X
H
H
H
L13)
H
H(L14))
L
H
H
Overtemperature
both channel
L
X
H
L
H
X
L
L
L
L
L
L
H
L
L
H
L
L
Channel 1
L
H
X
X
L
L
X
X
H
L
H
L
Channel 2
X
X
L
H
X
X
L
L
H
L
H
L
Undervoltage/ Overvoltage
X
X
L
L
H
H
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 12...13)
12
) With additional external pull up resistor
13) An external short of output to
Vbb, in the off state, causes an internal current from output to ground. If RGND
is used, an offset voltage at the GND and ST pins will occur and the VST low signal may be errorious.
14
) Low resistance to Vbb may be detected in the ON-state by the no-load-detection
Terms
PROFET
V
IN2
ST
OUT2
GND
bb
VST
V
IN1
I ST
I IN1
V
bb
Ibb
I L2
VOUT2
I
GND
V
ON2
1
2
4
3
5
IN1
V
IN2
I IN2
V
OUT1
V
ON1
I L1
OUT1
6
7
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ESD-ZD
I
I
I
ESD zener diodes are not to be used as voltage clamp
at DC conditions. Operation in this mode may result in
a drift of the zener voltage (increase of up to 1 V).


Similar Part No. - Q67060-S6302-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6307-A5 INFINEON-Q67060-S6307-A5 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
Q67060-S6307-A6 INFINEON-Q67060-S6307-A6 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
Q67060-S6307-A7 INFINEON-Q67060-S6307-A7 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
Q67060-S6309 INFINEON-Q67060-S6309 Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
More results

Similar Description - Q67060-S6302-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com