Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2918 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N2918
Description  DUAL SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2918 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N2918 Datasheet HTML 1Page - Central Semiconductor Corp 2N2918 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2918
DUAL SILICON
NPN TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2918 is a Dual
Silicon NPN Transistor utilizing two individual chips
mounted in a hermetically sealed metal case designed
for differential amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
30
mA
Power Dissipation (One Die)
PD
300
mW
Power Dissipation (Both Dice)
PD
500
mW
Power Dissipation (One Die, TC=25°C)
PD
750
mW
Power Dissipation (Both Dice, TC=25°C)
PD
1.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=45V
10
nA
ICEO
VCE=5.0V
2.0
nA
IEBO
VEB=5.0V
2.0
nA
BVCBO
IC=10μA
45
V
BVCEO
IC=10mA
45
V
BVEBO
IE=10μA
6.0
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
0.35
V
VBE(ON)
VCE=5.0V, IC=100μA
0.70
V
hFE
VCE=5.0V, IC=10μA
150
600
hFE
VCE=5.0V, IC=10μA, TA=–55°C
30
hFE
VCE=5.0V, IC=100μA
225
hFE
VCE=5.0V, IC=1.0mA
300
fT
VCE=5.0V, IC=500μA, f=20MHz
60
MHz
Cob
VCB=5.0V, IE=0, f=140kHz
6.0
pF
NF
VCE=5.0V, IC=10μA, RS=10kΩ,
f=1.0kHz, BW=200Hz
3.0
dB
hFE1/hFE2
VCE=5.0V, IC=100μA
0.8
1.0
|VBE1-VBE2| VCE=5.0V, IC=10μA
10
mV
|VBE1-VBE2| VCE=5.0V, IC=100μA
5.0
mV
|VBE1-VBE2| VCE=5.0V, IC=1.0mA
10
mV
Δ(VBE1-VBE2) VCE=5.0V, IC=100μA, TA=–55°C to +25°C
1.6
mV
Δ(VBE1-VBE2) VCE=5.0V, IC=100μA, TA=+25°C to +125°C
2.0
mV
TO-78 CASE
R1 (4-March 2011)
www.centra lsemi.com


Similar Part No. - 2N2918

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2918 SEME-LAB-2N2918 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918 Datasheet
52Kb / 1P
   Dual Transistors
logo
New Jersey Semi-Conduct...
2N2918 NJSEMI-2N2918 Datasheet
206Kb / 2P
   NPN LOW-LEVEL, LOW-NOISE DIFFERENTIAL AMPLIFIERS
2N2918 NJSEMI-2N2918 Datasheet
212Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2918 NJSEMI-2N2918 Datasheet
206Kb / 2P
   NPN LOW-LEVEL, LOW-NOISE DIFFERENTIAL AMPLIFIERS
More results

Similar Description - 2N2918

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD918 CENTRAL-MD918 Datasheet
65Kb / 2P
   NPN DUAL SILICON TRANSISTOR
2N5793 CENTRAL-2N5793 Datasheet
67Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2060M CENTRAL-2N2060M Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTOR
MD918 CENTRAL-MD918_15 Datasheet
69Kb / 2P
   NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2917 CENTRAL-2N2917_15 Datasheet
87Kb / 2P
   NPN SILICON DUAL TRANSISTOR
logo
Microsemi Corporation
JANS2N2920 MICROSEMI-JANS2N2920 Datasheet
293Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918_15 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
logo
Microsemi Corporation
2N5793 MICROSEMI-2N5793 Datasheet
131Kb / 2P
   NPN SILICON DUAL TRANSISTOR
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com