Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N3810A
Description  DUAL PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3810A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N3810A Datasheet HTML 1Page - Central Semiconductor Corp 2N3810A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
TO-78 CASE - MECHANICAL OUTLINE
2N3810
2N3810A
DUAL PNP
SILICON TRANSISTOR
R0 (6-November 2008)
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hie
VCE=10V, IC=1.0mA, f=1.0kHz
3.0
30
Ω
hre
VCE=10V, IC=1.0mA, f=1.0kHz
25
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
150
600
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
60
μS
NF
VCE=10V, IC=100μA, RG=3.0kΩ,
7.0
dB
f=100Hz, BW=20Hz
MATCHING CHARACTERISTICS:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2 (Note 1) VCE=5.0V, IC=100μA (2N3810)
0.90
1.0
hFE1/hFE2 (Note 1) VCE=5.0V, IC=100μA (2N3810A)
0.95
1.0
IVBE1-VBE2I
VCE=5.0V, IC=10μA to 10mA
5.0
mV
IVBE1-VBE2I
VCE=5.0V, IC=100μA (2N3810)
3.0
mV
IVBE1-VBE2I
VCE=5.0V, IC=100μA (2N3810A)
1.5
mV
1) The lowest hFE reading is taken as hFE1.


Similar Part No. - 2N3810A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
52Kb / 1P
   Dual Transistors
logo
List of Unclassifed Man...
2N3810A ETC1-2N3810A Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3810A NJSEMI-2N3810A Datasheet
251Kb / 2P
   PNP SILICON DIFFERENTIAL AMPLIFIERS
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
662Kb / 3P
   SILICON DUAL PNP TRANSISTORS
logo
Calogic, LLC
2N3810A CALOGIC-2N3810A Datasheet
314Kb / 2P
   Monolithic Dual Matched PNP General Purpose Amplifier
More results

Similar Description - 2N3810A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3726 CENTRAL-2N3726_15 Datasheet
112Kb / 2P
   PNP DUAL SILICON TRANSISTOR
2N3726 CENTRAL-2N3726 Datasheet
108Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810 MICROSEMI-JANTX2N3810 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
MD3250 CENTRAL-MD3250 Datasheet
494Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N5795 MICROSEMI-2N5795 Datasheet
127Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SA1928 ETC-2SA1928 Datasheet
113Kb / 5P
   SILICON PNP DUAL TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810U MICROSEMI-JANTX2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_1 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_11 Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com