Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSB36V Datasheet(PDF) 2 Page - Rohm

Part # RSB36V
Description  Bi direction ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSB36V Datasheet(HTML) 2 Page - Rohm

  RSB36V Datasheet HTML 1Page - Rohm RSB36V Datasheet HTML 2Page - Rohm RSB36V Datasheet HTML 3Page - Rohm RSB36V Datasheet HTML 4Page - Rohm RSB36V Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSB36V
 
2/4
2011.11 - Rev.A
0.01
0.1
1
10
25
30
35
40
45
Ta=
−25
°C
Ta=125
°C
Ta=75
°C
Ta=25
°C
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS(1)
apply voltage
Ta=150
°C
0.01
0.1
1
10
25
30
35
40
45
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS(2)
apply voltage
Ta=
−25
°C
Ta=125
°C
Ta=75
°C
Ta=25
°C
Ta=150
°C
0.001
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
Ta=125
°C
Ta=25
°C
Ta=75
°C
REVERSE VOLTAGE:V
R(V)
V
R-IR CHARACTERISTICS(1)
apply voltage
Ta=150
°C
0.001
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
REVERSE VOLTAGE:V
R(V)
V
R-IR CHARACTERISTICS(2)
apply voltage
Ta=125
°C
Ta=25
°C
Ta=75
°C
Ta=150
°C
1
10
100
0
1
2
3
4
REVERSE VOLTAGE:V
R(V)
V
R-Ct CHARACTERISTICS(1)
f=1MHz
apply voltage
1
10
100
0
1
2
3
4
REVERSE VOLTAGE:V
R(V)
V
R-Ct CHARACTERISTICS(2)
f=1MHz
apply voltage


Similar Part No. - RSB36V

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB36VFH ROHM-RSB36VFH Datasheet
907Kb / 8P
   Bi direction ESD Protection Diode
More results

Similar Description - RSB36V

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDBL5V0AE1 JIANGSU-ESDBL5V0AE1 Datasheet
1Mb / 6P
   Bi-direction ESD Protection Diode
ESDBU5V0Y1 JIANGSU-ESDBU5V0Y1 Datasheet
698Kb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0A1 JIANGSU-ESDBW5V0A1 Datasheet
8Mb / 6P
   Bi-direction ESD Protection Diode
ESDBW5V0D3 JIANGSU-ESDBW5V0D3 Datasheet
9Mb / 6P
   Bi-direction ESD Protection Diode
logo
Rohm
RSB6.8SMFH ROHM-RSB6.8SMFH Datasheet
950Kb / 8P
   Bi direction ESD Protection Diode
logo
Jiangsu Changjiang Elec...
CESDBLC5V0D9 JIANGSU-CESDBLC5V0D9 Datasheet
721Kb / 6P
   Bi-direction ESD Protection Diode
logo
Rohm
RSB27K2 ROHM-RSB27K2_12 Datasheet
535Kb / 8P
   Bi direction ESD Protection Diode
RSB6.8ZS ROHM-RSB6.8ZS_14 Datasheet
523Kb / 9P
   Bi direction ESD Protection Diode
RSB6.8ZS ROHM-RSB6.8ZS Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSB33V ROHM-RSB33V Datasheet
1Mb / 5P
   Bi direction ESD Protection Diode
RSBC6.8CS ROHM-RSBC6.8CS Datasheet
1Mb / 4P
   Bi direction ESD Protection diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com