Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78M18ACT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC78M18ACT
Description  THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78M18ACT Datasheet(HTML) 1 Page - Motorola, Inc

  MC78M18ACT Datasheet HTML 1Page - Motorola, Inc MC78M18ACT Datasheet HTML 2Page - Motorola, Inc MC78M18ACT Datasheet HTML 3Page - Motorola, Inc MC78M18ACT Datasheet HTML 4Page - Motorola, Inc MC78M18ACT Datasheet HTML 5Page - Motorola, Inc MC78M18ACT Datasheet HTML 6Page - Motorola, Inc MC78M18ACT Datasheet HTML 7Page - Motorola, Inc MC78M18ACT Datasheet HTML 8Page - Motorola, Inc MC78M18ACT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Device
Operating
Temperature Range Package
MC78M00
MC78M00A
Series
SEMICONDUCTOR
TECHNICAL DATA
THREE–TERMINAL MEDIUM
CURRENT POSITIVE FIXED
VOLTAGE REGULATORS
ORDERING INFORMATION
MC78MXXCDT
MC78MXXCT
TJ = – 40° to +125°C
DPAK
TO–220
Order this document by MC78M00/D
MC78MXXACDT*
XX Indicates nominal voltage.
*
Available in 5.0, 8.0, 12 and 15 V devices.
DT–1 SUFFIX
PLASTIC PACKAGE
CASE 369
(DPAK)
DT SUFFIX
PLASTIC PACKAGE
CASE 369A
(DPAK)
Pin 1. Input
2. Ground
3. Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
(TO–220)
Heatsink surface
connected to Pin 2.
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
3
1
MC78MXXACT*
3
1
2
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal
Medium Current Positive
Voltage Regulators
The MC78M00/MC78M00A Series positive voltage regulators are
identical to the popular MC7800 Series devices, except that they are
specified for only half the output current. Like the MC7800 devices, the
MC78M00 three–terminal regulators are intended for local, on–card voltage
regulation.
Internal current limiting, thermal shutdown circuitry and safe–area
compensation for the internal pass transistor combine to make these
devices remarkably rugged under most operating conditions. Maximum
output current, with adequate heatsinking is 500 mA.
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe–Area Compensation
MC78M00A High Accuracy (±2%) Available for 5.0 V, 8.0 V, 12 V
and 15 V
Previous Commerical Temperature Range has been extended to a
Junction Temperature Range of –40
°C to +125°C
Representative Schematic Diagram
This device contains 28 active transistors.
1.0 k
1.0 k
Input
210
6.7
V
16 k
100
200
300
3.6
k
6.4
k
6.0 k
2.0 k
3.9 k
6.0
k
2.8 k
40
pF
5.6 k
3.0 k
1.0 k
300
200
50
13
0.24
Gnd
Output
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC78M05AC
5.0 V
MC78M09C
9.0 V
MC78M18C
18 V
MC78M05C
5.0 V
MC78M12AC
12 V
MC78M20C
20 V
MC78M06C
6.0 V
MC78M12C
12 V
MC78M24C
24 V
MC78M08AC
8.0 V
MC78M15AC
15 V
MC78M08C
8.0 V
MC78M15C
15 V
© Motorola, Inc. 1997
Rev 6


Similar Part No. - MC78M18ACT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M18 ONSEMI-MC78M18 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M18B ONSEMI-MC78M18B Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M18BT ONSEMI-MC78M18BT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M18BTG ONSEMI-MC78M18BTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M18BTG ONSEMI-MC78M18BTG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Similar Description - MC78M18ACT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com