Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM101525B12 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM101525B12
Description  2M x 2 Bit Fast Static Random Access Memory with ECL I/O
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM101525B12 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM101525B12 Datasheet HTML 1Page - Motorola, Inc MCM101525B12 Datasheet HTML 2Page - Motorola, Inc MCM101525B12 Datasheet HTML 3Page - Motorola, Inc MCM101525B12 Datasheet HTML 4Page - Motorola, Inc MCM101525B12 Datasheet HTML 5Page - Motorola, Inc MCM101525B12 Datasheet HTML 6Page - Motorola, Inc MCM101525B12 Datasheet HTML 7Page - Motorola, Inc MCM101525B12 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCM101525
7
MOTOROLA FAST SRAM
TB PACKAGE
400 MIL TAB
CASE 984A–01
PACKAGE DIMENSIONS
19
VIEW AM
REF 3X
18
TAB
TAPE
W
V
U
S1
S
R
TAB TAPE
CARRIER
K
J
AD
P
Z
SECTION AN–AN
DIM
A
MIN
MAX
MIN
MAX
INCHES
18.14 REF
0.714 REF
MILLIMETERS
B
8.03 REF
0.316 REF
C
26.95 BSC
1.061 BSC
C1
26.95 BSC
1.061 BSC
J
–––
0.25
–––
0.010
K
–––
0.71
–––
0.028
P
3.00 REF
0.118 REF
R
2.39 REF
0.094 REF
S
50.00 REF
1.969 REF
S1
50.00 REF
1.969 REF
U
6.00 REF
0.236 REF
U1
6.00 REF
0.236 REF
V
39.40 REF
1.551 REF
W
45.68 REF
1.798 REF
Y
38.00 REF
1.496 REF
Z
1.15
1.25
0.045
0.049
AA
16.21
16.31
0.638
0.642
AB
11.20
11.30
0.441
0.445
AC
8.99
9.09
0.354
0.358
AD
0.15
0.21
0.006
0.008
AE
0.762 BSC
0.030 BSC
AF
0.18
0.28
0.007
0.011
AG
21.31
21.24
0.832
0.836
AH
35.00 REF
1.378 REF
AJ
25.40 REF
1.000 REF
AK
26.95 BSC
1.061 BSC
AL
34.98 REF
1.377 REF
AR
0.65
0.75
0.026
0.030
AS
0.50 BSC
0.020 BSC
AT
0.60
0.70
0.024
0.028
AU
26.95 REF
1.061 REF
AV
25.35
25.45
0.998
1.002
AV1
25.35
25.45
0.998
1.002
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
U1
Y
RETAINER
CARRIER
1
36
B
VIEW AM
A
-M-
-H-
AN
AN
4X
1.40 (0.055)
H
0.05 (0.002) S T M-N S
S
-N-
TAPE CARRIER RETAINER ELIMINATED
FROM VIEW FOR CLARITY
C1
C
-T-


Similar Part No. - MCM101525B12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM101524 MOTOROLA-MCM101524 Datasheet
454Kb / 8P
   1M x 4 Bit Fast Static Random Access Memory with ECL I/O
MCM101524B12 MOTOROLA-MCM101524B12 Datasheet
454Kb / 8P
   1M x 4 Bit Fast Static Random Access Memory with ECL I/O
MCM101524B15 MOTOROLA-MCM101524B15 Datasheet
454Kb / 8P
   1M x 4 Bit Fast Static Random Access Memory with ECL I/O
More results

Similar Description - MCM101525B12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM101524 MOTOROLA-MCM101524 Datasheet
454Kb / 8P
   1M x 4 Bit Fast Static Random Access Memory with ECL I/O
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com