Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC262 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC262
Description  GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC262 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC262_02 Datasheet HTML 1Page - Hittite Microwave Corporation HMC262_02 Datasheet HTML 2Page - Hittite Microwave Corporation HMC262_02 Datasheet HTML 3Page - Hittite Microwave Corporation HMC262_02 Datasheet HTML 4Page - Hittite Microwave Corporation HMC262_02 Datasheet HTML 5Page - Hittite Microwave Corporation HMC262_02 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
1 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
1
0
5
10
15
20
25
30
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
FREQUENCY (GHz)
GAIN
S22(Output)
S11(Input)
10
15
20
25
30
14
16
18
20
22
24
FREQUENCY (GHz)
+85 C
-55 C
+25 C
0
1
2
3
4
5
14
16
18
20
22
24
FREQUENCY (GHz)
+85 C
-55 C
+25 C
-35
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
FREQUENCY (GHz)
-55 C
+25 C
+85 C
-35
-30
-25
-20
-15
-10
-5
0
14
16
18
20
22
24
FREQUENCY (GHz)
-55 C
+25 C
+85 C
HMC262
Noise Figure
Input Return Loss
v01.0500
Broadband Gain and Return Loss
Gain vs. Temperature
Output Return Loss
GaAs MMIC LOW NOISE
AMPLIFIER, 15 - 24 GHz


Similar Part No. - HMC262_02

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC262 HITTITE-HMC262_00 Datasheet
158Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
More results

Similar Description - HMC262_02

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC262 HITTITE-HMC262 Datasheet
120Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 15 - 24 GHz
HMC262 HITTITE-HMC262_00 Datasheet
158Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
   24-30 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_10 Datasheet
229Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com