Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR250-2 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CR250-2
Description  HIGH VOLTAGE SILICON RECTIFER 2000 THRU 4000 VOLTS 200mA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CR250-2 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CR250-2 Datasheet HTML 1Page - Central Semiconductor Corp CR250-2 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
DO-15 CASE - MECHANICAL OUTLINE
CR250-2 SERIES
HIGH VOLTAGE
SILICON RECTIFER
2000 THRU 4000 VOLTS
200mA
R2 (30-September 2009)
MARKING: FULL PART NUMBER


Similar Part No. - CR250-2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CR250 NJSEMI-CR250 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Powerex Power Semicondu...
CR250DP POWEREX-CR250DP Datasheet
174Kb / 4P
   Phase Control SCR 250 Amperes Avg 200-400 Volts
CR250DP-4 POWEREX-CR250DP-4 Datasheet
174Kb / 4P
   Phase Control SCR 250 Amperes Avg 200-400 Volts
CR250DP-6 POWEREX-CR250DP-6 Datasheet
174Kb / 4P
   Phase Control SCR 250 Amperes Avg 200-400 Volts
CR250DP-8 POWEREX-CR250DP-8 Datasheet
174Kb / 4P
   Phase Control SCR 250 Amperes Avg 200-400 Volts
More results

Similar Description - CR250-2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R4000GPS MCC-R4000GPS Datasheet
546Kb / 3P
   200 Milliamp High Voltage Silicon Rectifier 4000 Volts
logo
First Components Intern...
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
   200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
BAT54W FCI-BAT54W Datasheet
181Kb / 2P
   200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
BAT54 FCI-BAT54 Datasheet
460Kb / 2P
   200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
Shanghai Lunsure Electr...
R1200 CHENYI-R1200 Datasheet
42Kb / 2P
   500Milliamp high voltage silicon rectifier 1200 to 2000 volts
logo
Micro Commercial Compon...
R4000F MCC-R4000F Datasheet
182Kb / 2P
   200 Milliamp High Voltage Silicon Rectifier 4000 to 5000 Volts
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
Micro Commercial Compon...
R4000 MCC-R4000 Datasheet
221Kb / 2P
   200 mA High Voltage Silicon Rectifier 4000 to 5000 Volts
RM1200E MCC-RM1200E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1200E MCC-RM1200E_11 Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com