Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC285 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC285
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC285_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC285_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC285_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC285_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC285_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC285_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9
9 - 134
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC285 / 285E
v02.0907
General Description
Features
Functional Diagram
No External Components Required
LO / RF Isolation: 30 dB
Input IP3: +21 dBm
Ultra Small SOT26 Package
Electrical Specifications, T
A = +25° C, As a Function of IF Frequency
Typical Applications
The HMC285 / HMC285E is ideal for:
• PCS
• W-CDMA
• 2.4 GHz ISM
• MMDS
The HMC285 & HMC285E are ultra miniature single
balanced mixers in 6 lead plastic surface mount SOT26
packages. This passive MMIC mixer is constructed of
GaAs Schottky diodes and a novel planar transformer
balun on the chip. The RF port is balanced via the
MMIC balun while the LO port is connected directly
to the diodes. The consistent MMIC performance will
improve system operation without the need for exter-
nal components. The SOT26 package is the small-
est footprint available for a complete single-balanced
mixer, 0.118” x 0.118” (3 x 3 mm).
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.5 GHz
Parameter
LO = +10 dBm
IF = 100 MHz
LO = +10 dBm
IF = 400 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
2 - 3.5
1.7 - 2.8
GHz
Frequency Range, IF
DC - 0.9
DC - 0.9
GHz
Conversion Loss
9
11
9.5
11.5
dB
Noise Figure (SSB)
9
11
9.5
11.5
dB
LO to RF Isolation
20
30
25
35
dB
LO to IF Isolation
11
20
14
20
dB
IP3 (Input)
17
21
16
20
dBm
1 dB Compression (Input)
7
11
6
10
dBm


Similar Part No. - HMC285_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results

Similar Description - HMC285_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com