Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC315 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC315
Description  GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC315 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC315_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC315_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC315_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC315_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC315_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC315_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Reverse Isolation vs. Vcc Bias
Gain & Return Loss @ Vcc= +7V
Gain vs. Temperature @ Vcc= +7V
Input & Output
Return Loss vs. Vcc Bias
Gain & Return Loss @ Vcc= +5V
Gain vs. Temperature @ Vcc= +5V
-25
-20
-15
-10
-5
0
5
10
15
20
01234567
8
S11
S21
S22
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
01234567
8
+25 C
+60 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
01234567
8
+25C
+60C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
01234567
8
S12 Vcc=7V
S12 Vcc=5V
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
01234567
8
S11 Vcc=7V
S22 Vcc=7V
S11 Vcc=5V
S22 Vcc=5V
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
01234567
8
S11
S21
S22
FREQUENCY (GHz)
HMC315 / 315E
GaAs InGaP HBT MMIC DARLINGTON
AMPLIFIER, DC - 7.0 GHz
v02.0605


Similar Part No. - HMC315_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC315E HITTITE-HMC315E Datasheet
358Kb / 6P
   GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC315 HITTITE-HMC315_05 Datasheet
358Kb / 6P
   GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
More results

Similar Description - HMC315_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC315 HITTITE-HMC315_05 Datasheet
358Kb / 6P
   GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC315 HITTITE-HMC315 Datasheet
290Kb / 6P
   GaAs InGaP HBT MMIC DARLINGTON AMPLIFIER, DC - 7.0 GHz
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC407MS8G HITTITE-HMC407MS8G_07 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com