Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC436MS8G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC436MS8G
Description  GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC436MS8G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC436MS8G_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC436MS8G_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC436MS8G_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC436MS8G_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC436MS8G_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC436MS8G_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
15
15 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
DISC
ONT
INUE
D
PRO
DUC
T
Not R
ecom
men
ded
for N
ew D
esig
ns
Absolute Maximum Ratings
Outline Drawing
DC blocking capacitors are required at ports ANT1, ANT2,
Tx, Rx.
RF input Power Vctl= 0/+3V
+30 dBm
control Voltage Range (V1, V2, V3, V4)
-0.5 to +7.5 Vdc
hot Switch Power Level
(Vctl = 0/+3V)
+26 dBm
channel temperature
150 °c
continuous Pdiss ( t=85 °c)
(derate 16.7 mw/ °c above 85°c)
1 w
thermal Resistance
60 °c/w
Storage temperature
-65 to +150 °c
Operating temperature
-40 to +85 °c
eSD Sensitivity (hBM)
class 1A
eLectROStAtic SeNSitiVe DeVice
OBSeRVe hANDLiNG PRecAUtiONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
hMc436MS8G
Low Stress injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
h436
XXXX
hMc436MS8Ge
RohS-compliant Low Stress injection Molded Plastic
100% matte Sn
MSL1
[2]
h436
XXXX
[1] Max peak reflow temperature of 235 °c
[2] Max peak reflow temperature of 260 °c
[3] 4-Digit lot number XXXX
Package Information
NOteS:
1. LeADFRAMe MAteRiAL: cOPPeR ALLOY
2. DiMeNSiONS ARe iN iNcheS [MiLLiMeteRS].
3. DiMeNSiON DOeS NOt iNcLUDe MOLDFLASh OF 0.15mm PeR SiDe.
4. DiMeNSiON DOeS NOt iNcLUDe MOLDFLASh OF 0.25mm PeR SiDe.
5. ALL GROUND LeADS AND GROUND PADDLe MUSt Be SOLDeReD tO
PcB RF GROUND.
HMC436MS8G / 436MS8GE
GaAs MMIC DPDT DIVERSITY OR
SP3T SWITCH, 4.9 - 5.9 GHz
v04.0607


Similar Part No. - HMC436MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC436MS8G HITTITE-HMC436MS8G_07 Datasheet
325Kb / 6P
   GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
More results

Similar Description - HMC436MS8G_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC436MS8G HITTITE-HMC436MS8G_07 Datasheet
325Kb / 6P
   GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G Datasheet
294Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G Datasheet
258Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com